Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTMS Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # BTMS
Description  Bi-directional Single ChannelTap Monitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

BTMS Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  BTMS Datasheet HTML 1Page - OPLINK Communications Inc. BTMS Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BTMS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Standard Package (P1, Bare Fiber or Loose Tube)
Miniature Package (P2, Bare Fiber)
Miniature Package (P3, Loose Tube)
ф2. 5 mm
ф0.45 mm Lead, ≥12mm
Standard Package Pin Assignment
Pin 1: Anode
Pin 2: Cathode
Pin 3: Case Ground
Input(Black)
Note:
Anode is connected to the metal housing.
Input(Blue)
Output(White)
Note:
Anode is connected to the metal housing.
0
0
5
0
Tap Ratio
2/98 = 02
5/95 = 05
10/90 = 10
Wavelength
Bandwidth
Package & Fiber Type
Fiber Length
0.5G= 05
P1+250µm bare fiber =11
P1+900µm loose tube =12
P2+250µm bare fiber = 21
P3+900µm loose tube = 32
0.5meter= H
1.0meter= 1
1.5meter= 5
2.0meter= 2
Connector
Type
None = 1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
Bi-directional Single Channel Integrated Tap Monitors
BTMS Series
S0003 - R03. 20100601
1310/1550nm= D
1310nm= 3
C+L band= E
RoHS:
1. Add “G” to the end of the above PN for RoHS 6 Requirement.


Similar Part No. - BTMS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMS3020500111 OPLINK-BTMS3020500111 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMS3020500112 OPLINK-BTMS3020500112 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMS3020500115 OPLINK-BTMS3020500115 Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMS302050011H OPLINK-BTMS302050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
More results

Similar Description - BTMS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
   Bi-directional
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
logo
Source Photonics, Inc.
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC4-60 SOURCE-B-13-15-622-TPM-SSC4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
SFA-34-24T-HP-CDFJ SOURCE-SFA-34-24T-HP-CDFJ Datasheet
358Kb / 12P
   Integrated Single fiber bi-directional optical subassembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com