Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-1250-MM Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # DTR-1250-MM
Description  Gigabit Ethernet 850 nm VCSEL Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-MM Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  DTR-1250-MM Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-MM Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-MM Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-MM Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-MM Datasheet HTML 5Page - OPLINK Communications Inc. DTR-1250-MM Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
21737-0307, Rev. F
03-24-2003
0.385
[9.80/9.53]
.050
[1.27]
.365
[9.27]
1.00
[25.40]
1.540
1.530
[39.12/38.86]
.800
[20.32]
.800
[20.32]
.100
[2.54]
.625
[15.87]
.545
[13.84]
0.140
[3.56/3.18]
.500
[12.70]
.800
[20.32]
.118
[3.00]
.018 TYP
[0.46]
.175
[4.44]
.02
[.508]
+0.010
- 0.000
.125
0.125
0.375
- 0.000
+0.254
3.18
]
[
.100
[2.54]
1
9
DTR-1250-MM
Duplex SC Receptacle Package without EMI Shield
Duplex SC Receptacle Package with
ES Shield (without notch)
Dimensions in inches [mm]
Default tolerances for all dimensions given in inches (Unless otherwise
noted)
.XXX = +/- .005 , .XX = +/- .01
Dimensions in inches [mm]
Default tolerances for all dimensions given in inches (Unless otherwise
noted)
.XXX = +/- .005 , .XX = +/- .01


Similar Part No. - DTR-1250-MM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-FC-YN OPLINK-DTR-1250-SM-FC-YN Datasheet
281Kb / 9P
   Single Mode Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H5-I OPLINK-DTR-1250-SM-GB-H5-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results

Similar Description - DTR-1250-MM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
AFBR-53D5Z AVAGO-AFBR-53D5Z Datasheet
132Kb / 15P
   850 nm VCSEL, 1 x 9 Fibre Optic Transceivers for Gigabit Ethernet
HFBR-5912EZ AVAGO-HFBR-5912EZ_15 Datasheet
265Kb / 13P
   850 nm VCSEL Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
HFBR-5912EZ AVAGO-HFBR-5912EZ Datasheet
219Kb / 13P
   850 nm VCSEL Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
logo
Unity Opto Technology
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
JDS Uniphase Corporatio...
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
   850 nm 2.5 G VCSEL TOSA
PL-VD0-00-S20-C0 JDSU-PL-VD0-00-S20-C0 Datasheet
169Kb / 3P
   850 nm 2.5 G VCSEL Die
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com