Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWGM140100F4111 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # AWGM140100F4111
Description  ultiplexer/Demultiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

AWGM140100F4111 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  AWGM140100F4111 Datasheet HTML 1Page - OPLINK Communications Inc. AWGM140100F4111 Datasheet HTML 2Page - OPLINK Communications Inc. AWGM140100F4111 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S0153 - R04. (web) 20120912
Product Description
Features
Options
Applications
Performance Specificationns
Notes:
[1] The maximum IL is under all states of polarization and within the full operating temperature and
wavelength ranges specified.
[2] Please contact Oplink Sales, Marketing or PLM for more details about electrical specifications.
[3] All the parameters are excluding connectors. IL of connectors is 0.2dB/pair for PC/UPC/SPC types and
0.4dB per pair for APC types.
AWGM1 Parameters
Min.
Typical
Max.
Unit
Available Channel Frequency
Range
191.85
196.20
THz
Channel Spacing
100
GHz
Number of Channels
32, 40 or 44
Channel Passband
± 12.5
GHz
Insertion Loss [1]
5.0
6.0
dB
Uniformity
< 1.5
dB
Ripple
0.5
0.75
dB
Polarization Dependent Loss
0.5
dB
Adjacent Channel Crosstalk
25
dB
Non-adjacent Channel Crosstalk
35
dB
Total Crosstalk
22
dB
Return Loss
40
dB
Directivity
50
dB
Power Consumption
4
W
Maximum Power Handling
300
mW
Fiber Type
G. 652D
Fiber Jacket
C : 900µm Tight Buffer
B : 12-Core Ribbon Fiber
A : 900µm Loose Tube
Fiber Length
Refer Ordering Information
Connector Type
Referr Ordering Information
Package Type [2]
P3 : Internal Temperature Control
P4 : Thermistor Temperature Sensor Only
Operating Temperature
- 5 to +65
°C
Storage Temperature
-40 to +85
°C
Arrayed-Waveguide Grating
Multiplexer/Demultiplexer
AWGM1 Series
Arrayed-Waveguide Grating (AWG) multiplexers and demultiplexers com-
bine or split optical signals of different wavelengths (channels) in DWDM
systems.
Oplink’s planar lightwave circuits are well suited for demanding telecom
applications in long-haul and metro transmission systems.The AWG offers
low insertion loss, accurate channel alignment, very low crosstalk and high
channel-to-channel uniformity. This product family complies with Telcordia
GR-1221-CORE.
Established Silica-on-Silicon Technology
Extremely Low Crosstalk
Low Insertion Loss
Low PDL
Low Chromatic Dispersion
Telcordia GR-1221-CORE Qualified
DWDM Transmission
Wavelength Routing
Optical Add/Drop Multiplexing
Channel Count: 32, 40 or 44
RTD/Thermistor Temperature Sensor or
Internal Temp Control Option


Similar Part No. - AWGM140100F4111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AWGM1-S0153 OPLINK-AWGM1-S0153 Datasheet
278Kb / 3P
   Arrayed-Waveguide Grating Multiplexer/Demultiplexer
More results

Similar Description - AWGM140100F4111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com