Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-1250-SM-LS-CWDM Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-LS-CWDM
Description  3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-LS-CWDM Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  DTR-1250-SM-LS-CWDM Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-LS-CWDM Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-LS-CWDM Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-LS-CWDM Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-LS-CWDM Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
21737-0342, Rev. B
1-28-02
DTR-1250-SM-LC/LS-CWDM
Package without
EMI shield (LC)
Dimension in inches
[mm]
Package with
EMI Shield (LS)
Pin Assignments
PIN
FUNCTION
1RX GND
2V
CCRX
3
SD (RX SIGNAL DETECT)
4
RD- (RX DATA OUT -)
5
RD+ (RX DATA OUT +)
6V
CCTX
7TX GND
8
TX DISABLE
9
TD+ (TX DATA IN +)
10
TD- (TX DATA IN -)
*x, *y: see Pin length option table in ordering information
*x, *y: see Pin length option table in ordering information
Dimension in inches
[mm]
18.54
.730
9.78MAX
.385MAX
9.65
.380
11
.43
0.38
.015
4.1
.16
48.44
1.907
10.54
.415
13.56
.534
0.76
.030
1.91
.075
2.54
.100
1.02
.040
10.16
.400
0.46
13.41
.528
14.8
.58
17.78
.700
1.78
.070
6.25
.246
2X
2X
*X
*y
1
10
10
1


Similar Part No. - DTR-1250-SM-LS-CWDM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-LS-MR OPLINK-DTR-1250-SM-LS-MR Datasheet
116Kb / 6P
   Multirate Laser Transceivers
More results

Similar Description - DTR-1250-SM-LS-CWDM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM2-LC-L2-M OPLINK-DTR-1250-SM2-LC-L2-M Datasheet
208Kb / 5P
   3.3V 2x10 LC connector SFF Gigabit Ethernet 1300 & 1550 nm Laser Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-CWDM OPLINK-DTR-2488-SM2-LC-W-G-CWDM Datasheet
204Kb / 6P
   SFF Single Mode CWDM Transceivers
logo
Optoway Technology Inc
TRSL-93120F-CXX0G OPTOWAY-TRSL-93120F-CXX0G Datasheet
131Kb / 5P
   3.3V / CWDM / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8380-CXX0G OPTOWAY-TRSL-8380-CXX0G Datasheet
134Kb / 5P
   3.3V / CWDM / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8340-CXX0G OPTOWAY-TRSL-8340-CXX0G Datasheet
134Kb / 5P
   3.3V / CWDM / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380F-CXX0G OPTOWAY-TRSL-9380F-CXX0G Datasheet
131Kb / 5P
   3.3V / CWDM / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7385W-CXX0 OPTOWAY-TRSL-7385W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com