Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWDMG1471000111 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # CWDMG1471000111
Description  Single Channel CWDM OADM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CWDMG1471000111 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  CWDMG1471000111 Datasheet HTML 1Page - OPLINK Communications Inc. CWDMG1471000111 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
CWDM
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Center Wavelength Table (nm, ITU Grid):ns
1271
1471
1270
1470
1291
1491
1290
1490
1311
1511
1310
1510
1331
1531
1330
1530
1351
1551
1350
1550
1371
1571
1370
1570
1391
1591
1390
1590
1411
1611
1410
1610
1431
1430
1451
1450
0
0
G
Package Type
250μm Bare Fiber = 1
900μm Loose Tube = 2
Platform
Center Wavelength
Operating Wavelength Range*
Fiber Length**
Green = G
Refer ITU Grid Table
1460~1620nm = 0
1260~1620nm = 1
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
LC/APC = B
Single Channel CWDM OADM (1x2)
CWDMG 1x2 Series
S0007 - R05. 20110523
* 1460~1620nm operating wavelength range is applicable
for 1471~1611nm and 1470~1610nm channels only.
1260~1620nm operating wavelength range is applicable
for all channels.
** The tolerance of fiber length is +/-0.1m. 1 meter is stan-
dard. The lead-time for special fiber length will be longer.
L
Port 1 (Common)
Port 2 (Pass)
Port 3 (Reect)
Ø


Similar Part No. - CWDMG1471000111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG_1X2 OPLINK-CWDMG_1X2 Datasheet
188Kb / 2P
   Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
More results

Similar Description - CWDMG1471000111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
   Single Channel CWDM OADM
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
   Green Single Channel CWDM OADM
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
   CWDM OADM-1 Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com