Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWGM132100F3HH2 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # AWGM132100F3HH2
Description  ultiplexer/Demultiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

AWGM132100F3HH2 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  AWGM132100F3HH2 Datasheet HTML 1Page - OPLINK Communications Inc. AWGM132100F3HH2 Datasheet HTML 2Page - OPLINK Communications Inc. AWGM132100F3HH2 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
S0153 - R04. (web) 20120912
Arrayed-Waveguide Grating
Multiplexer/Demultiplexer
AWGM1 Series
AWGM1
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager with your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions
* Gaussian and Moderate (Semi Flat-Top) types are available. Please contact Oplink Sales and Marketing for details.
** The tolerance of fiber length is ±0.1m.
*** Connectors are not available if the length of fiber A is 0. Please choose 1 for the last digit of Oplink Part Number.
For example, AWGM140C60F3219 represents one 100G 40-ch (192.10~192.60THz) Flat-Top type AWG module with P3 package, 1.0±0.1m fiber length on fiber
C, 0.5±0.1m fiber length on fiber B, 1.0±0.1m fiber length on fiber A and LC/UPC connectors.
P3/P4:
Definition of Fiber Length A, B and C:
*The mechanical tolerance should be ±0.2mm on all package dimensions unless otherwise specified.
NOTE:
1. UNITS: mm.
2. TOL'S: .X=±0.2
.XX=±0.1
3. PROJECTION:
140.0
150.0 MAX
16.0 MAX
4-M3
5.0
Number of Channels
32ch = 32
40ch = 40
44ch = 44
(B+A)Fiber Length**
Package Type
Largest ITU
Channel
Number
AWG Type*
(C)Fiber Length**
1.0 + 0 meter = 1***
1.5 + 0 meter = 5***
0.5 + 0.5 meter = H
0.5 + 1.0 meter = 2
1.0 + 0.5 meter = 3
P3 = 3
P4 = 4
Flat-Top = F
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/UPC = 9
MU = A
LC/APC = B


Similar Part No. - AWGM132100F3HH2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AWGM1-S0153 OPLINK-AWGM1-S0153 Datasheet
278Kb / 3P
   Arrayed-Waveguide Grating Multiplexer/Demultiplexer
More results

Similar Description - AWGM132100F3HH2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com