Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR4000 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DR4000
Description  916.50 MHz Transmitter Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR4000 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DR4000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR4000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
DR4000 - 4/8/08
Electrical Characteristics, 2.4 kbps On-Off Keyed
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
916.3
916.7
MHz
Data Rate
OOK
19.2
kbps
ASK
115.2
Transmitter Performance (OOK @ 2.4 kbps)
Peak Input Current, 3 Vdc Supply
ITP
12
mA
Peak Output Power
PO
0.75
mW
Turn On/Turn Off Time
tON/tOFF
12/6
µs
Power Supply Voltage Range
VCC
2.7
3.5
Vdc
Operating Ambient Temperature
TA
-20
+65
°C
• Designed for Short-Range Wireless Data Communications
• Supports up to 115.2 kbps Encoded Data Transmissions
• 3 V, Low Current Operation plus Sleep Mode
• Ready to Use OEM Module
The DR4000 transmitter module is ideal for short-range wireless data applications where robust operation,
small size and low power consumption are required. The DR4000 utilizes RFM’s TX6000 amplifier-sequenced
hybrid (ASH) architecture to achieve this unique blend of characteristics. The transmitter includes provisions
for on-off keyed (OOK) and ASK modulation. The transmitter employs SAW filtering to suppress output
harmonics, facilitating compliance with FCC 15.249 and similar regulations. The DR4000 includes the TX6000
plus all configuration components in a ready-to-use PCB assembly, excellent for prototyping and intermediate
volume production runs.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds)
230
°C
916.50 MHz
Transmitter
Module
DR4000
.70
.25
.20
.165
.70
.10
DR4000 Outline Drawing
Dimensions in inches
DR4000 Pin Out
RF
GND
RFIO
VCC
NC
TX IN
NC
NC
CTR0
CTR1
GND
VCC
NC
1
2
3
4
58
9
10
11
12
13
14
67
GND
GND
DEVELOPMENT KIT
(Info Click here)


Similar Part No. - DR4000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4000 RFM-DR4000 Datasheet
102Kb / 2P
   916.50 MHz Transmitter Module
More results

Similar Description - DR4000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4000 RFM-DR4000 Datasheet
102Kb / 2P
   916.50 MHz Transmitter Module
TX6000 RFM-TX6000 Datasheet
73Kb / 6P
   916.50 MHz Hybrid Transmitter
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
   916.50 MHz Transceiver Module
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
   916.50 MHz Transceiver Module
DR3300 RFM-DR3300 Datasheet
66Kb / 5P
   916.50 MHz Transceiver Module
DR3000 RFM-DR3000 Datasheet
67Kb / 5P
   916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
   916.50 MHz Transceiver Module
logo
RF Monolithics, Inc
DM1800-916MR RFM-DM1800-916MR Datasheet
73Kb / 4P
   916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3300 MURATA-DR3300 Datasheet
292Kb / 5P
   916.50 MHz Transceiver Module
DR3000 MURATA-DR3000 Datasheet
294Kb / 5P
   916.50 MHz Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com