Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR5101 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DR5101
Description  315.00 MHz Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR5101 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DR5101 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR5101 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR5101 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR5101 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 4
©2008 by RF Monolithics, Inc.
DR5101 - 4/8/08
Electrical Characteristics, 2.4 kbps On-Off Keyed
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
314.8
315.2
MHz
Modulation Type
OOK
Data Rate
2.4
19.2
kbps
Receiver Performance (OOK @ 2.4 kbps)
Input Current, 3 Vdc Supply
IR
1.8
mA
Input Signal for 10-4
BER, 25 C
-100
dBm
Rejection, ±30 MHz
RREJ
55
dB
Sleep to Receive Switch Time(100 ms sleep, -85 dBm signal)
tSR
3
200
µs
Sleep Mode Current
IS
5
µA
Power Supply Voltage Range
VCC
2.7
3.5
Vdc
Operating Ambient Temperature
TA
-20
+65
°C
• Designed for Short-Range Wireless Data Communications
• Supports up to 19.2 kbps Encoded Data Transmissions
• 3 V, Low Current Operation plus Sleep Mode
• Ready to Use OEM Module
The DR5101 receiver module is ideal for short-range wireless data applications where robust operation, small
size and low power consumption are required. The DR5101 utilizes RFM’s RX5001 amplifier-sequenced
hybrid (ASH) architecture to achieve this unique blend of characteristics. The receiver RX5001 is sensitive
and stable. A wide dynamic range log detector provides robust performance in the presence of on-channel
interference or noise. Two stages of SAW filtering provide excellent receiver out-of -band rejection. The
DR5101 includes the RX5001 plus all configuration components in a ready-to-use PCB assembly excellent
for prototyping and intermediate volume production runs.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds)
230
°C
315.00 MHz
Receiver
Module
DR5101
.80
.30
.20
.165
.70
.10
DR5101 Outline Drawing
RF
GND
RFIO
CTR0
CTR1
GND
VCC
LPF ADJ
AGC/VCC
PK DET
TX IN
RX BBO
RX DATA
1
2
3
4
5
6
9
10
11
12
13
14
8
7
DR5101 Pin Out
DEVELOPMENT KIT
(Info Click here)


Similar Part No. - DR5101

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR5101 RFM-DR5101 Datasheet
146Kb / 4P
   315.00 MHz Receiver Module
More results

Similar Description - DR5101

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR5101 RFM-DR5101 Datasheet
146Kb / 4P
   315.00 MHz Receiver Module
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5501 RFM-RX5501 Datasheet
67Kb / 10P
   315.00 MHz Hybrid Receiver
DR3101 RFM-DR3101 Datasheet
375Kb / 5P
   315.00 MHz Transceiver Module
DR4101 RFM-DR4101 Datasheet
111Kb / 2P
   315.00 MHz Transmitter Module
logo
Murata Manufacturing Co...
DR7001 MURATA-DR7001 Datasheet
411Kb / 7P
   315.00 MHz Transmitter Module
DR4101 MURATA-DR4101 Datasheet
308Kb / 2P
   315.00 MHz Transmitter Module
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
   315.00 MHz Transceiver Evaluation Module
logo
RF Monolithics, Inc
TR3001 RFM-TR3001 Datasheet
111Kb / 12P
    315.00 MHz Hybrid Transceiver
TX5001 RFM-TX5001 Datasheet
73Kb / 6P
   315.00 MHz Hybrid Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com