Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR7000 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DR7000
Description  433.92 MHz Transceiver Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR7000 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DR7000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR7000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR7000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR7000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DR7000 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DR7000 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DR7000 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 7
©2008 by RF Monolithics, Inc.
DR7000 - 4/8/08
Pin Descriptions
Pin
Name
In/Out
Description
1,4,20
GND
-
GND is the ground pin.
19
VCC
-
VCC is a positive supply voltage pin.
2
PKDET
Out
This pin is the peak detector output. A 0.022uF capacitor to ground (C5) sets the peak detector attack and
decay times, which have a fixed 1:1000 ratio. For most applications, these time constants should be coordi-
nated with the base-band time constant. For a given base-band capacitor CBBO , the capacitor value CPKD is:
CPKD = 2.0* CBBO , where CBBO and CPKD are in pF
A ±10% ceramic capacitor should be used at this pin. This time constant will vary between tPKA and 1.5* tPKA
with variations in supply voltage, temperature, etc. The capacitor is driven from a 200 ohm “attack” source,
and decays through a 200 K load. The peak detector is used to drive the “dB-below-peak” data slicer and the
AGC release function. The peak detector capacitor is discharged in the receiver power-down (sleep) mode
and in the transmit modes. See the description of Pin 3 below for further information. A 0.022uF capacitor is
installed for operation at 4.8kbps.
3BBOUT
Out
This pin is connected directly to the transceiver BBOUT pin. This pin drives the CMPIN pin through a coupling
capacitor, CBBO = 0.01uF (C4), for internal data slicer operation at 4.8kbps.
CBBO = 11.2*SPMAX, where SPMAX is the maximum signal pulse width in µs and CBBO is in pF
The nominal output impedance of this pin is 1 K.The BBOUT signal changes about 10 mV/dB, with a peak-to-
peak signal level of up to 450 mV. The signal at BBOUT is riding on a 1.5 Vdc value that varies somewhat
with supply voltage and temperature, so it should be coupled through a capacitor to an external load. When
an external data recovery process is used with AGC, BBOUT must be coupled to the external data recovery
process and CMPIN by separate series coupling capacitors. The output impedance of this pin becomes very
high in sleep mode, preserving the charge on the coupling capacitor.
The value of C3 on the circuit board has been chosen to match typical data encoding schemes at 4.8 kbps. If
C4 is modified to support higher data rates and/or different data encoding schemes and PK DET is being
used, make the value of the peak detector capacitor C5 about 2x the value of CBBO.
5RXDATA
Out
RXDATA is the receiver data output pin. It is a CMOS output. The signal on this pin can come from one of two
sources. The default source is directly from the output of the data slicer circuit. The alternate source is from
the radio’s internal data and clock recovery circuit. When the internal data and clock recovery circuit is used,
the signal on RXDATA is switched from the output of the data slicer to the output of the data and clock recov-
ery circuit when a packet start symbol is detected. Each recovered data bit is then output on the rising edge of
a RXDCLK pulse (Pin 16), and is stable for reading on the falling edge of the RXDCLK pulse.
6
TXMOD
In
The transmitter RF output voltage is proportional to the input current to this pin. A resistor in series with the
TXMOD input is normally used to adjust the peak transmitter output. Full transmitter power (10 mW) requires
about 235 µA of drive current. The transmitter output power PO for a 3 Vdc supply voltage is approximately:
PO = 180*(ITXM)
2, where PO is in mW and the modulation current I
TXM is in mA
The practical power control range is 10 to -50 dBm. A ±5% TXMOD resistor value is recommended. Internally,
this pin is connected to the base of a bipolar transistor with a small emitter resistor. The voltage at the
TXMOD input pin is about 0.85 volt with 235 uA of drive current. This pin accepts analog modulation and can
be driven with either logic level data pulses (unshaped) or shaped data pulses.
A series 9.1 kilohm resistor is installed to provide +10dBm average output power with a +3Vdc input.
7LPFADJ
In
This pin is the receiver low-pass filter bandwidth adjust. The filter bandwidth is set by a resistor RLPF (R4)
between this pin and ground. The resistor value can range from 510 K to 3 K, providing a filter 3 dB bandwidth
fLPF from 5 to 600 kHz. The resistor value is determined by:
RLPF = (0.0006*fLPF)
-1.069 where R
LPF is in kilohms, and fLPF is in kHz
A ±5% resistor should be used to set the filter bandwidth. This will provide a 3 dB filter bandwidth between
fLPF and 1.3* fLPF with variations in supply voltage, temperature, etc. The filter provides a three-pole, 0.05
degree equiripple phase response. A 470 kilohm resistor to GND is installed to provide a 3dB filter band-
width of 5.275kHz. Connect an external ±1%, 243kilohm resistor to GND for 19.2kbps operation.
8TX/RX
In
Logic Input (CMOS compatible). This pin, in 3G mode, selects the operation of the TR7000 . Pull this pin
‘High’ for Transmit Mode. Pull this pin ‘Low’ for Receive mode. Do not allow this pin to float.
9
OOK/ASK
In
Logic Input (CMOS compatible). This pin, in 3G mode, selects the operation of the TR7000. Pull this pin
‘High’ for OOK Transmit/Receive mode. Pull this pin ‘Low’ for ASK Transmit/Receive mode. Do not allow this
pin to float.


Similar Part No. - DR7000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
   433.92 MHz Transceiver Evaluation Module
More results

Similar Description - DR7000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
DR3100-1 RFM-DR3100-1 Datasheet
206Kb / 5P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100 MURATA-DR3100 Datasheet
433Kb / 5P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3100 RFM-DR3100 Datasheet
208Kb / 5P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3100-1 MURATA-DR3100-1 Datasheet
432Kb / 5P
   433.92 MHz Transceiver Module
logo
RF Monolithics, Inc
DM1800-434MB RFM-DM1800-434MB Datasheet
328Kb / 4P
   433.92 MHz Transceiver Module
DM1800-434MR RFM-DM1800-434MR Datasheet
339Kb / 4P
   433.92 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
   433.92 MHz Transceiver Evaluation Module
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com