Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR62421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMR62421
Description  SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR62421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR62421 Datasheet HTML 7Page - Texas Instruments LMR62421 Datasheet HTML 8Page - Texas Instruments LMR62421 Datasheet HTML 9Page - Texas Instruments LMR62421 Datasheet HTML 10Page - Texas Instruments LMR62421 Datasheet HTML 11Page - Texas Instruments LMR62421 Datasheet HTML 12Page - Texas Instruments LMR62421 Datasheet HTML 13Page - Texas Instruments LMR62421 Datasheet HTML 14Page - Texas Instruments LMR62421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L
t
L
i
L
i
'
S
T
S
DT
( )
t
L
I
L
VIN
V
V
OUT
IN -
K
=
c
D
VOUT
VIN
D =
VOUT - IN
V
OUT
V
- D
1
1
1
=
c
D
=
VOUT
VIN
¸
¹
·
¨
©
§
LMR62421
www.ti.com
SNVS734A – OCTOBER 2011 – REVISED OCTOBER 2011
SOFT-START
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error amplifier’s
reference voltage ramps to its nominal value of 1.255V in approximately 4.0ms. This forces the regulator output
to ramp up in a more linear and controlled fashion, which helps reduce inrush current.
INDUCTOR SELECTION
The Duty Cycle (D) can be approximated quickly using the ratio of output voltage (VO) to input voltage (VIN):
(1)
Therefore:
(2)
Power losses due to the diode (D1) forward voltage drop, the voltage drop across the internal NMOS switch, the
voltage drop across the inductor resistance (RDCR) and switching losses must be included to calculate a more
accurate duty cycle (See Calculating Efficiency and Junction Temperature for a detailed explanation). A more
accurate formula for calculating the conversion ratio is:
where
η equals the efficiency of the LMR62421 application.
(3)
The inductor value determines the input ripple current. Lower inductor values decrease the size of the inductor,
but increase the input ripple current. An increase in the inductor value will decrease the input ripple current.
Figure 15. Inductor Current
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMR62421


Similar Part No. - LMR62421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62421 TI1-LMR62421 Datasheet
421Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI-LMR62421 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62421XMF TI1-LMR62421XMF Datasheet
421Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62421XMF/NOPB TI-LMR62421XMF/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62421XMFE TI1-LMR62421XMFE Datasheet
421Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
More results

Similar Description - LMR62421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62421 TI1-LMR62421 Datasheet
421Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014 TI1-LMR62014_15 Datasheet
1Mb / 22P
[Old version datasheet]   LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR62010 TI1-LMR62010 Datasheet
1Mb / 21P
[Old version datasheet]   LMR64010 SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com