Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ13608 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMZ13608
Description  8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13608 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ13608_14 Datasheet HTML 2Page - Texas Instruments LMZ13608_14 Datasheet HTML 3Page - Texas Instruments LMZ13608_14 Datasheet HTML 4Page - Texas Instruments LMZ13608_14 Datasheet HTML 5Page - Texas Instruments LMZ13608_14 Datasheet HTML 6Page - Texas Instruments LMZ13608_14 Datasheet HTML 7Page - Texas Instruments LMZ13608_14 Datasheet HTML 8Page - Texas Instruments LMZ13608_14 Datasheet HTML 9Page - Texas Instruments LMZ13608_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
0
1
2
3
4
5
6
7
8
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
6
7
8
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
6
7
8
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
LMZ13608
SNVS710D – MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, the following conditions apply: VIN = 12V; CIN = three x 10μF + 47nF X7R Ceramic; COUT = two x
330
μF Specialty Polymer + 47 uF Ceramic + 47nF Ceramic; CFF = 4.7nF; Tambient = 25° C for waveforms. All indicated
temperatures are ambient.
Efficiency 5.0V output @ 25°C
Dissipation 5.0V output @ 25°C
Figure 6.
Figure 7.
Efficiency 3.3V output @ 25°C
Dissipation 3.3V output @ 25°C
Figure 8.
Figure 9.
Efficiency 2.5V output @ 25°C
Dissipation 2.5V output @ 25°C
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMZ13608


Similar Part No. - LMZ13608_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
More results

Similar Description - LMZ13608_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com