Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38512-18 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP38512-18
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38512-18 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38512-18 Datasheet HTML 3Page - Texas Instruments LP38512-18 Datasheet HTML 4Page - Texas Instruments LP38512-18 Datasheet HTML 5Page - Texas Instruments LP38512-18 Datasheet HTML 6Page - Texas Instruments LP38512-18 Datasheet HTML 7Page - Texas Instruments LP38512-18 Datasheet HTML 8Page - Texas Instruments LP38512-18 Datasheet HTML 9Page - Texas Instruments LP38512-18 Datasheet HTML 10Page - Texas Instruments LP38512-18 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LP38512-1.8
www.ti.com
SNOSAU7E – NOVEMBER 2007 – REVISED MARCH 2009
Typical Performance Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = 2.5V, VEN = VIN, CIN = 10 µF, COUT = 10 µF, IOUT = 10 mA.
Current Limit
vs
Load Transient, 10 mA to 1.5A
Temperature
COUT = 10 μF Ceramic
Figure 15.
Figure 16.
Load Transient, 10 mA to 1.5A
Load Transient, 500 mA to 1.5A
COUT = 10 µF Ceramic + 100 µF Aluminum
COUT = 10 µF Ceramic
Figure 17.
Figure 18.
Load Transient, 500 mA to 1.5A
COUT = 10 μF Ceramic + 100 µF Aluminum
Line Transient
Figure 19.
Figure 20.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP38512-1.8


Similar Part No. - LP38512-18

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-1.8 TI1-LP38512-1.8 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results

Similar Description - LP38512-18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com