Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38691-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38691-ADJ
Description  500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38691-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LP38691-ADJ_14 Datasheet HTML 1Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 2Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 3Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 4Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 5Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 6Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 7Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 8Page - Texas Instruments LP38691-ADJ_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LP38691-ADJ, LP38693-ADJ
www.ti.com
SNVS324I – JANUARY 2005 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 5 seconds)
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
V(max) All pins (with respect to GND)
-0.3V to 12V
IOUT
(5)
Internally Limited
Junction Temperature
−40°C to +150°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications, see Electrical
Characteristics. Specifications do not apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Office/ Distributors for availability and specifications.
(3)
ESD is tested using the human body model which is a 100pF capacitor discharged through a 1.5k resistor into each pin.
(4)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a
heatsink is used). The junction-to-ambient thermal resistance (
θJ-A) for the SOT-223 is approximately 125 °C/W for a PC board mounting
with the device soldered down to minimum copper area (less than 0.1 square inch). If one square inch of copper is used as a heat
dissipator for the SOT-223, the
θJ-A drops to approximately 70 °C/W. The θJ-A values for the WSON package are also dependent on
trace area, copper thickness, and the number of thermal vias used (refer to TI AN-1187 Application Report and the WSON MOUNTING
section in this datasheet). If power dissipation causes the junction temperature to exceed specified limits, the device will go into thermal
shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
Operating Ratings
VIN Supply Voltage
2.7V to 10V
Operating Junction
−40°C to +125°C
Temperature Range
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VOUT + 1V, CIN = COUT = 10 µF, ILOAD = 10mA. Min/Max limits are specified through testing,
statistical correlation, or design.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
VIN = 2.7V
1.225
1.25
1.275
VADJ
ADJ Pin Voltage
V
3.2V
≤ VIN ≤ 10V
1.200
1.25
1.300
100 µA < IL < 0.5A
ΔVO/ΔVIN
Output Voltage Line Regulation(2)
VO + 0.5V ≤ VIN ≤ 10V
0.03
0.1
%/V
IL = 25mA
ΔVO/ΔIL
Output Voltage Load Regulation(3)
1 mA < IL < 0.5A
1.8
5
%/A
VIN = VO + 1V
(VO = 2.5V)
80
145
IL = 0.1A
430
725
IL = 0.5A
(VO = 3.3V)
65
110
VIN - VO
Dropout Voltage(4)
IL = 0.1A
mV
330
550
IL = 0.5A
(VO = 5V)
45
100
IL = 0.1A
250
450
IL = 0.5A
IQ
Quiescent Current
VIN ≤ 10V, IL = 100 µA - 0.5A
55
100
VEN ≤ 0.4V,
0.001
1
µA
(LP38693-ADJ Only)
IL(MIN)
Minimum Load Current
VIN - VO ≤ 4V
100
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100mV of nominal value.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38691-ADJ LP38693-ADJ


Similar Part No. - LP38691-ADJ_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results

Similar Description - LP38691-ADJ_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com