Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38512-1.8 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP38512-1.8
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38512-1.8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38512-1.8 Datasheet HTML 7Page - Texas Instruments LP38512-1.8 Datasheet HTML 8Page - Texas Instruments LP38512-1.8 Datasheet HTML 9Page - Texas Instruments LP38512-1.8 Datasheet HTML 10Page - Texas Instruments LP38512-1.8 Datasheet HTML 11Page - Texas Instruments LP38512-1.8 Datasheet HTML 12Page - Texas Instruments LP38512-1.8 Datasheet HTML 13Page - Texas Instruments LP38512-1.8 Datasheet HTML 14Page - Texas Instruments LP38512-1.8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Load
Transient
Line
Transient
VIN
VOUT
NOM
~90%
~85%
VERROR
Power-Up
~2.25V
~1.55V
~1.25V
~2.50V
Power-Down
1.80V
LP38512-1.8
www.ti.com
SNOSAU7E – NOVEMBER 2007 – REVISED MARCH 2009
ENABLE OPERATION
The Enable ON threshold is typically 1.2V, and the OFF threshold is typically 1.0V. To ensure reliable operation
the Enable pin voltage must rise above the maximum VEN(ON) threshold and must fall below the minimum VEN(OFF)
threshold. The Enable threshold has typically 200mV of hysteresis to improve noise immunity.
The Enable pin (EN) has no internal pull-up or pull-down to establish a default condition and, as a result, this pin
must be terminated either actively or passively.
If the Enable pin is driven from a single ended device (such as discrete transistor) a pull-up resistor to VIN, or a
pull-down resistor to ground, will be required for proper operation. A 1 k
Ω to 100 kΩ resistor can be used as the
pull-up or pull-down resistor to establish default condition for the EN pin. The resistor value selected should be
appropriate to swamp out any leakage in the external single ended device, as well as any stray capacitance.
If the Enable pin is driven from a source that actively pulls high and low (such as a CMOS rail to rail comparator
output), the pull-up, or pull-down, resistor is not required.
If the application does not require the Enable function, the pin should be connected to directly to the adjacent VIN
pin.
The status of the Enable pin also affects the behavior of the ERROR Flag. While the Enable pin is high the
regulator control loop will be active and the ERROR Flag will report the status of the output voltage. When the
Enable pin is taken low the regulator control loop is shutdown, the output is turned off, and the ERROR Flag pin
is immediately forced low.
ERROR FLAG OPERATION
When the LP38512 Enable pin is high, the ERROR Flag pin will produce a logic low signal when the output
drops by more than 15% (typical) from the nominal output voltage. The drop in output voltage may be due to low
input voltage, current limiting, or thermal limiting. This flag has a built in hysteresis. The output voltage will need
to rise to within 10% (typical) of the nominal output voltage for the ERROR Flag to return to a logic high state. It
should also be noted that when the Enable pin is pulled low, the ERROR Flag pin is forced to be low as well.
The internal ERROR flag comparator has an open drain output stage. Hence, the ERROR pin requires an
external pull-up resistor. The value of the pull-up resistor should be in the range of 10 k
Ω to 1 MΩ. The ERROR
Flag pin should not be pulled-up to any voltage source higher than VIN as current flow through an internal
parasitic diode may cause unexpected behavior. The ERROR Flag must be connected to ground if this function
is not used.
The timing diagram in Figure 23 shows the relationship between the ERROR flag and the output voltage.
Figure 23. ERROR Flag Operation, see Typical Application
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38512-1.8


Similar Part No. - LP38512-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-1.8 TI1-LP38512-1.8 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results

Similar Description - LP38512-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com