Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51219 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS51219
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51219 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51219_14 Datasheet HTML 1Page - Texas Instruments TPS51219_14 Datasheet HTML 2Page - Texas Instruments TPS51219_14 Datasheet HTML 3Page - Texas Instruments TPS51219_14 Datasheet HTML 4Page - Texas Instruments TPS51219_14 Datasheet HTML 5Page - Texas Instruments TPS51219_14 Datasheet HTML 6Page - Texas Instruments TPS51219_14 Datasheet HTML 7Page - Texas Instruments TPS51219_14 Datasheet HTML 8Page - Texas Instruments TPS51219_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
2
3
4
12
11
10
9
SW
DH
DL
V5
VREF
REFIN
GSNS
VSNS
TPS51219RTE
5
6
7
8
16
15
14
13
VSNS
GSNS
PGOOD
V5IN
EN
V
OUT
V
IN
UDG-11006
TPS51219
www.ti.com
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
High Performance, Single-Synchronous Step-Down Controller
with Differential Voltage Feedback
1
FEATURES
DESCRIPTION
The TPS51219 is a small-sized single buck controller
23
Differential Voltage Feedback
with adaptive on-time control. It provides a choice of
DC Compensation for Accurate Regulation
control modes (D-CAP
™ or D-CAP2™) to meet a
Wide Input Voltage Range: 3 V to 28 V
wide range of system requirements. It is designed for
tight DC regulation requirements such as the VCCIO
Output Voltage Range: 0.5 V to 2.0 V with
application for Intel® notebooks. The performance
Fixed Options of 1.05 V and 1.00 V
and flexibility of the TPS51219 makes it suitable for
Wide Output Load Range: 0 A to 20 A+
low output voltage, high current, PC system power
Adaptive On-Time Modulation with Selectable
rails and similar point-of-load (POL) power supplies.
Control Architecture and Frequency
Differential
voltage
feedback
and
the
voltage
compensation function combine to provide high
– D-CAP™ Mode at 300 kHz/400 kHz for Fast
precision power to load devices.
Transient Response
A small package, fixed voltage options and minimal
– D-CAP2™ Mode at 500 kHz/670 kHz for
external component count saves cost and space,
Ceramic Output Capacitor
while a dedicated EN pin and pre-set frequency
4700 ppm/
°C, Low-Side RDS(on) Current Sensing
selections minimize design effort. The skip-mode at
RSENSE Accurate Current Sense Option
light load condition, strong gate drivers, and low-side
FET RDS(on) current sensing provides high efficiency
Internal, 1-ms Voltage Servo Softstart
operation over a broad load range. The external
Built-In Output Discharge
resistor
current
sense
option
enables
accurate
Power Good Output
current sensing. The conversion input voltage (the
high-side FET drain voltage) ranges from 3 V to 28 V
Integrated Boost Switch
and output voltage ranges from 0.5 V to 2.0 V. The
Built-In OVP/UVP/OCP
device requires an external 5-V supply.
Thermal Shutdown (Non-latched)
The TPS51219 is available in a 16-pin, QFN package
3 mm
× 3 mm, 16-Pin, QFN (RTE) Package
and is specified for ambient temperature from -40
°C
to 85
°C.
APPLICATIONS
Notebook Computers
I/O Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, D-CAP2 are trademarks of Texas Instruments.
3
Intel is a registered trademark of Intel.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51219_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
More results

Similar Description - TPS51219_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com