Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS734XX Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS734XX
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS734XX Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS734XX Datasheet HTML 2Page - Texas Instruments TPS734XX Datasheet HTML 3Page - Texas Instruments TPS734XX Datasheet HTML 4Page - Texas Instruments TPS734XX Datasheet HTML 5Page - Texas Instruments TPS734XX Datasheet HTML 6Page - Texas Instruments TPS734XX Datasheet HTML 7Page - Texas Instruments TPS734XX Datasheet HTML 8Page - Texas Instruments TPS734XX Datasheet HTML 9Page - Texas Instruments TPS734XX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
400
350
300
250
200
150
100
50
0
0
50
100
150
200
250
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=10 F
OUT
m
C
=0.01 F
NR
m
I
=250mA
OUT
I
=
100mA
OUT
I
=200mA
OUT
I
=1mA
OUT
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=200mA
OUT
I
=
100mA
OUT
I
=250mA
OUT
I
=1mA
OUT
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=200mA
OUT
I
=
100mA
OUT
I
=
200mA
OUT
I
=1mA
OUT
30
25
20
15
10
5
0
0
5
10
15
20
25
C
( F)
m
OUT
I
=1mA
C
=0.01 F
OUT
NR
m
140
120
100
80
60
40
20
0
0.01
0.1
1
10
C
(nF)
NR
I
=1mA
C
=2.2 F
OUT
OUT
m
TPS734xx
SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009 ........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C); VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73401, VOUT = 3.0V. Typical values are at TJ =
+25°C.
TPS73401 DROPOUT VOLTAGE vs
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
OUTPUT CURRENT
(VIN – VOUT = 1.0V)
Figure 9.
Figure 10.
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
(VIN – VOUT = 0.5V)
(VIN – VOUT = 0.3V)
Figure 11.
Figure 12.
TPS73425
TPS73425
TOTAL NOISE vs CNR
TOTAL NOISE vs COUT
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated


Similar Part No. - TPS734XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734xxyyyz TI1-TPS734xxyyyz Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS734XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_16 Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com