Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMY22 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ZMY22
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY22 Datasheet(HTML) 3 Page - Vishay Siliconix

  ZMY22 Datasheet HTML 1Page - Vishay Siliconix ZMY22 Datasheet HTML 2Page - Vishay Siliconix ZMY22 Datasheet HTML 3Page - Vishay Siliconix ZMY22 Datasheet HTML 4Page - Vishay Siliconix ZMY22 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZMY3V9 to ZMY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 06-Dec-11
3
Document Number: 85788
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Dynamic Resistance vs. Zener Current
Fig. 2 - Dynamic Resistance vs. Zener Current
Fig. 3 - Dynamic Resistance vs. Zener Current
Fig. 4 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 5 - Pulse Thermal Resistance vs. Pulse Duration
Fig. 6 - Breakdown Characteristics
1
2
10
100 mA
103
102
1
Ω
r
zj
I
Z
18312
5
4
32
5
4
3
2
5
4
3
2
5
4
3
2
5
4
3
10
7
7
ZMY5.1
ZMY4.3
ZMY18
ZMY12
ZMY7.5
ZMY6.2
ZMY10
ZMY...
1
2
10
100 mA
100
10
1
Ω
2
5
4
3
r
zj
I
Z
18313
5
4
32
5
4
3
7
2
5
4
3
7
ZMY43
ZMY36
ZMY30
ZMY24
ZMY22
ZMY...
ZMY18
ZMY...
0.1
2
110 mA
103
102
10
Ω
2
5
4
3
r
zj
I
Z
18314
5
4
32
5
4
3
7
2
5
4
3
7
ZMY100
ZMY82
ZMY68
ZMY56
ZMY43
0100
200 °C
0.8
0.4
0
W
P
tot
T
amb
19969
ZMY...
1.0
0.6
0.2
10-5
10-4
10-3 10-2
10-1
110 s
103
102
10
1
°C/W
2
5
4
3
2
5
4
3
2
5
4
3
r
thA
t
P
18286
t
P
v =
T
P
I
___
T
t
P
0.5
0.2
0.1
0.05
0.02
0.01
ZMY...
V = 0
0
1234567
8
9
1011 121314 15 V
0
40
80
120
160
200
240
mA
I
Z
V
Z
18309
ZMY...
T
j = 25 °C
Test Current l
Z
100 mA
50 mA
ZMY4.7
ZMY3.9
ZMY5.6
ZMY6.8
ZMY8.2
ZMY10
ZMY12


Similar Part No. - ZMY22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY22 SEMTECH-ZMY22 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY22 VISHAY-ZMY22 Datasheet
161Kb / 7P
   Zener Diodes
Rev. 1.7, 07-Aug-06
logo
Diotec Semiconductor
ZMY22 DIOTEC-ZMY22 Datasheet
213Kb / 3P
   SMD Zener Diodes
logo
General Semiconductor
ZMY22 GE-ZMY22 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZMY22 DIOTEC-ZMY22 Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com