Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2981 Datasheet(PDF) 2 Page - NEC

Part # 2SK2981
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2981 Datasheet(HTML) 2 Page - NEC

  2SK2981 Datasheet HTML 1Page - NEC 2SK2981 Datasheet HTML 2Page - NEC 2SK2981 Datasheet HTML 3Page - NEC 2SK2981 Datasheet HTML 4Page - NEC 2SK2981 Datasheet HTML 5Page - NEC 2SK2981 Datasheet HTML 6Page - NEC 2SK2981 Datasheet HTML 7Page - NEC 2SK2981 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D12355EJ1V0DS00
2
2SK2981
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 10 A
20
27
m
RDS(on)2
VGS = 4.5 V, ID = 10 A
30
40
m
RDS(on)3
VGS = 4 V, ID = 10 A
35
50
m
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.0
1.5
2.0
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 10 A
6.0
13.0
S
Drain Leakage Current
IDSS
VDS = 30 V, VGS = 0
10
µA
Gate to Source Leakage Current
IGSS
VGS = ±20 V, VDS = 0
±10
µA
Input Capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
860
pF
Output Capacitance
Coss
350
pF
Reverse Transfer Capacitance
Crss
160
pF
Turn-on Delay Time
td(on)
ID = 10 A, VGS(on) = 10 V, VDD = 15 V
25
ns
Rise Time
tr
RG = 10
270
ns
Turn-off Delay Time
td(off)
65
ns
Fall Time
tf
65
ns
Total Gate Charge
QG
ID = 20 A, VDD = 24 V, VGS = 10 V
20
nC
Gate to Source Charge
QGS
3.5
nC
Gate to Drain Charge
QGD
6.5
nC
Body Diode forward Voltage
VF(S-D)
IF = 20 A, VGS = 0
0.8
V
Reverse Recovery Time
trr
IF = 20 A, VGS = 0
35
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs30
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
D.U.T.
RL
VDD
RG
RG = 10
PG.
Duty Cycle
≤ 1 %
VGS (on)
90 %
0
10 %
90 %
ID
0
10 %
ID
VGS
90 %
10 %
td (on)
ton
toff
tr
td (off)
tf
VGS
Wave Form
ID
Wave Form
D.U.T.
50
PG.
VDD
IG = 2 mA
RL
0
VGS
t
µ s
t = 1


Similar Part No. - 2SK2981

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2981 RENESAS-2SK2981 Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK2981-Z RENESAS-2SK2981-Z Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - 2SK2981

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com