Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF423 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF423
Description  2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF423 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF423 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF423 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF423 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRF423

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF423 SAMSUNG-IRF423 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF423 FAIRCHILD-IRF423 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF423 INTERSIL-IRF423 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF423 ISC-IRF423 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF423 ARTSCHIP-IRF423 Datasheet
381Kb / 5P
   N-Channel Power MOSFETs
More results

Similar Description - IRF423

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
   6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRFR214 INTERSIL-IRFR214 Datasheet
52Kb / 6P
   2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com