Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS1PD
Description  High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS1PD Datasheet(HTML) 1 Page - Vishay Siliconix

  RS1PD Datasheet HTML 1Page - Vishay Siliconix RS1PD Datasheet HTML 2Page - Vishay Siliconix RS1PD Datasheet HTML 3Page - Vishay Siliconix RS1PD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS1PB, RS1PD, RS1PG, RS1PJ
www.vishay.com
Vishay General Semiconductor
Revision: 21-Aug-13
1
Document Number: 88934
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Glass Passivated
Fast Switching Rectifier
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters,
converters,
and
freewheeling
diodes
for
consumer, automotive and telecommunication.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Fast switching for high efficiency
• Low thermal resistance
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
100 V, 200 V, 400 V, 600 V
IFSM
30 A
trr
150 ns, 250 ns
IR
1 μA
VF
1.3
TJ max.
150 °C
Package
DO-220AA (SMP)
Diode variation
Single die
DO-220AA (SMP)
eSMP
® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RS1PB
RS1PD
RS1PG
RS1PJ
UNIT
Device marking code
RB
RD
RG
RJ
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10 ms single half sine-wave superimposed
on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
RS1PB
RS1PD
RS1PG
RS1PJ
UNIT
Maximum instantaneous forward voltage
IF = 1.0 A
VF (1)
1.3
V
Maximum reverse current at rated
VR voltage
TA = 25 °C
IR (2)
1.0
μA
TA = 125 °C
60
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
9pF


Similar Part No. - RS1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PD VISHAY-RS1PD Datasheet
84Kb / 4P
   High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Revision: 19-Apr-11
RS1PD VISHAY-RS1PD Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
More results

Similar Description - RS1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PB VISHAY-RS1PB_V01 Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
RS1PB VISHAY-RS1PB Datasheet
84Kb / 4P
   High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Revision: 19-Apr-11
S1PA VISHAY-S1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Glass-Passivated Rectifiers
23-Sep-04
S4PB VISHAY-S4PB Datasheet
96Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 19-Apr-11
S1PB VISHAY-S1PB_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Glass Passivated Rectifiers
01-Jan-2022
S1PM-M3 VISHAY-S1PM-M3 Datasheet
89Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 14-Aug-13
S1PB VISHAY-S1PB Datasheet
89Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 19-Apr-11
S4PB VISHAY-S4PB_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com