Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT314A05 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT314A05
Description  Power PCB Relay RT1 bistable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314A05 Datasheet(HTML) 3 Page - Tyco Electronics

  RT314A05 Datasheet HTML 1Page - Tyco Electronics RT314A05 Datasheet HTML 2Page - Tyco Electronics RT314A05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 bistable (Continued)
Product code structure
Typical product code
RT
3
1
4
F24
Type
RT Power PCB Relay RT1 bistable
Version
1
12A, pinning 3,5mm, flux proof
3 16A, pinning 5mm, flux proof
D
16A, pinning 5mm, wash tight
Contact configuration
1
1 form C (CO) contact
3 1 form A (NO) contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil version
Coil
Part number
RT314A03
16A;
1 form C (CO)
AgNi 90/10
Bistable 1coil
3VDC
7-1393239-7
RT314A05
pinning 5mm,
contact
5VDC
7-1393239-8
RT314A06
flux proof
6VDC
7-1393239-9
RT314A12
12VDC
8-1393239-0
RT314F03
Bistable 2 coils
3VDC
8-1393239-4
RT314F05
5VDC
8-1393239-5
RT314F06
6VDC
8-1393239-6
RT314F12
12VDC
8-1393239-7
RT314F24
24VDC
8-1393239-8
RT134F12
12A,
pinning 3,5mm,
flux proof
1 form A (NO)
contact
AgNi 90/10
Bistable 2 coils
12VDC
4-1415382-1
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.


Similar Part No. - RT314A05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT314A12 MACOM-RT314A12 Datasheet
213Kb / 3P
   Power PCB Relay RT1 bistable
RT314A24 MACOM-RT314A24 Datasheet
213Kb / 3P
   Power PCB Relay RT1 bistable
More results

Similar Description - RT314A05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT314A12 MACOM-RT314A12 Datasheet
213Kb / 3P
   Power PCB Relay RT1 bistable
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com