Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT314A12 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT314A12
Description  Power PCB Relay RT1 bistable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314A12 Datasheet(HTML) 1 Page - Tyco Electronics

  RT314A12 Datasheet HTML 1Page - Tyco Electronics RT314A12 Datasheet HTML 2Page - Tyco Electronics RT314A12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 bistable
n
1 pole 16A, 1 form C (CO) or 1 form A (NO) contact
n
Polarized bistable version with 1 or 2 coils
n
5kV/10mm coil-contact
n
Reinforced insulation
Typical applications
Battery powered equipment or applications with “memory function”
Approvals
VDE REG.-Nr. 6106, UL E214025, cCSAus 14385
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting continuous current
16A, UL: 20A
Limiting making current, max. 4s, duty factor 10% 30A
Breaking capacity max.
4000VA
Contact material
AgNi 90/10
Frequency of operation, with/without load
360/72000h-1
Operate/Reset time max.
10/10ms
Bounce time max., form A/form B
3/6ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT314
A (NO)
16A, 250VAC resistive, 85°C
30x103
RT314
C (CO)
16A, 250VAC resistive, 85°C
10x103
UL 508
RT314
A/B (NO/NC) 20A, 250VAC, general purpose, 85°C
6x103
RT334
A (NO)
16A, 250VAC, general purpose, 85°C
50x103
RT314
A (NO)
1hp, 240VAC, 40°C
1x103
Mechanical endurance
>5x106 operations
Coil Data, bistable coils
1 coil
2 coils
Magnetic system
polarized, bistable
Coil voltage range
3 to 24VDC
Operative range, IEC 61810
2
Limiting voltage, % of rated coil voltage
120%
150%
Min./Max. energization duration
30ms/1min at <10% duty factor
Coil insulation system according UL1446
class F
Coil versions, bistable coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
bistable 1 coil
A03
3
2.1
1.7
21
429
A05
5
3.5
2.8
62
403
A06
6
4.2
3.3
90
400
A12
12
8.4
6.6
360
400
A24
24
16.8
13.2
1440
400
bistable 2 coils
F03
3
2.1
1.7
15
600
F05
5
3.5
2.8
42
595
F06
6
4.2
3.3
55
655
F12
12
8.4
6.6
240
600
F24
24
16.8
13.2
886
650
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Bistable coils - operation
Version
1 coil
2 coils
Coil terminals
A1
A2
A1 A3 A2
Operate
+
-
+
-
Reset
-
+
-
+
Contact position not defined at delivery
F0176-C
Z
V
b


Similar Part No. - RT314A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT314A12 MACOM-RT314A12 Datasheet
213Kb / 3P
   Power PCB Relay RT1 bistable
More results

Similar Description - RT314A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT314A12 MACOM-RT314A12 Datasheet
213Kb / 3P
   Power PCB Relay RT1 bistable
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com