Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTW05-10R Datasheet(PDF) 1 Page - TDK Electronics

Part # RTW05-10R
Description  Single Output Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RTW05-10R Datasheet(HTML) 1 Page - TDK Electronics

  RTW05-10R Datasheet HTML 1Page - TDK Electronics RTW05-10R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
RTW Series
Features
u 5 Year Warranty
u Ultra Thin Package
u SEMI F47 Compliant (high line AC)
u Universal Input (85 - 265VAC)
u High Efficiency
u Wide range AC Input
Key Market Segments & Applications
Single Output Industrial Power Supplies
Model
50W
100W
150W
300W
Input Voltage range
(1)
85 - 265VAC (47 - 440Hz), 120-370VDC
Input Current (100/200VAC) (Typ)
A
0.7 / 0.4
1.5 / 0.75
1.9 / 1.0
2.0 / 4.0
Inrush Current (100/200VAC)
A
14 / 28
15 / 30
Power Factor
-
Meets EN61000-3-2
Overcurrent Protection
-
Yes, typically 105 - 125% (100 & 150W hiccup style)
Overvoltage Protection
V
Yes, typically 120-140%. Cycle input to reset
Hold Up Time (100/200VAC)
ms
>20
Leakage Current (max at 240VAC)
mA
0.6
0.45
0.65
0.75
Load Regulation
%
0.4% (0-100% load change)
Line Regulation
%
0.2% (85-132 or 170-265VAC line change)
Remote Sense
-
Yes
Current Share
-
No
Yes
Remote On/Off
-
Yes, see instruction manual on website
DC Fail Signal
-
No
Yes
Indicator
-
Green LED = ON
Operating Temperature
-
-10°C to +71°C, -20°C start up. See derating curves on website technical downloads
Storage Temperature
°C
-30 to +75°C
Humidity (non condensing)
-
10 - 95%RH
Cooling
-
Convection
Withstand Voltage
-
Input to Ground 2kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100M at 25C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
5 - 200Hz (10 min sweep), 19.6m/s2, 1 hour (Amplitude 10mm)
Shock (Vertical mounting)
(3)
-
196m/s2
588m/s2
Safety Agency Approvals
-
UL60950-1, CSA60950-1 (cUL), EN60950-1, CE Mark
Line Dip
-
Complies with SEMI F47 (200VAC line only)
Conducted & Radiated EMI
-
EN55011 / EN55022-B, FCC-B
Immunity
-
IEC61000-4-2 (Level 4), -3, -4 (Level 3), -5 (Level 4)
Weight (Typ)
g
290
450
600
1300
Size (WxHxD)
in
0.87x3.23x4.88
0.98x3.23x6.3
1.18x3.62x7.09
1.57x4.72x9.84
Warranty
yr
Five Years
Specifications
(1) Safety approvals do not cover DC input
(2) 100/200VAC
(3) Non operating, 11 ±5ms, 3 directions, 3 times each.
See website technical downloads for detailed information


Similar Part No. - RTW05-10R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RTW05-10R TDK-RTW05-10R Datasheet
199Kb / 1P
   AC-DC Power Supplies
RTW05-10RC TDK-RTW05-10RC Datasheet
199Kb / 1P
   AC-DC Power Supplies
RTW05-10RL TDK-RTW05-10RL Datasheet
199Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - RTW05-10R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com