Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF7-11H11 Datasheet(PDF) 3 Page - Tyco Electronics

Part # VF7-11H11
Description  Power Relay F7
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VF7-11H11 Datasheet(HTML) 3 Page - Tyco Electronics

  VF7-11H11 Datasheet HTML 1Page - Tyco Electronics VF7-11H11 Datasheet HTML 2Page - Tyco Electronics VF7-11H11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
07-2014, Rev. 0714
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog, product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Automotive Relays
Plug-in Maxi ISO Relays
Power Relay F7 (Continued)
Product code structure
Typical product code
V23134
-J
0
052 -D642
Type
V23134 Power Relay F
Contact arrangement
J
1 form A, 1 NO
Cover
0
Standard
1
Bracket at terminal 30 ISO
Coil
052
12VDC
053
24VDC
056
24VDC (contact gap >0.8mm)
065
24VDC
Terminal/arrangement
D642 Plug-in/NO
Xnnn Customized (nnn: version number)
Production in Europe (only)
Product code
Arrangement Cover
Coil suppr.
Circuit1)
Coil
Contact mat. Terminals
Part number
V23134-J0052-D642
1 form A, 1 NO
Standard
NO
12VDC
Silver based
Plug-in, QC
7-1393303-3
V23134-J0052-X429
Resistor 680Ω
NOR
1-1414147-0
V23134-J0052-X439
Diode (cathode 86)
NOD
1-1414286-0
V23134-J0052-X455
Resistor 470Ω
NOR
PCB
1-1414610-0
V23134-J0052-X511
NO
3-1415001-2
V23134-J0052-X4613)
Resistor 560Ω
NOR
Plug-in, QC
1-1414469-0
V23134-J0053-D642
NO
24VDC
9-1393303-7
V23134-J0056-X4082)3)
Resistor 1200Ω
NOR
0-1393304-5
V23134-J0065-X4974)
NO
PCB
3-1414937-3
V23134-J1052-D642
Bracket
12VDC
Plug-in, QC
0-1393304-9
V23134-J1052-X281
Resistor 560Ω
NOR
1-1393304-0
V23134-J1053-D642
NO
24VDC
1-1393304-1
1) See terminal assignment diagrams.
3) Special feature: 14.5mm load terminals.
2) Special feature: contact gap >0.8mm.
4) Packed in tray with 300 pcs. per unit.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.
26.2 MAX.
3.0
1.5
25.2 MAX.
26.2 MAX.
3.8
TIN PLATED
2.7
86
87
30
85
TE2104-H1
26.2 MAX.
3.0
1.5
25.2 MAX.
26.2 MAX.
3.8
TIN PLATED
2.7
86
87
30
85
TE2104-H1
View of the terminals (bottom view)
Mounting hole layout (bottom view)
17.9
8.4
2x Ø 1.93
17.0
3.8
8.5
3.8
6x Ø 2.18
3.8
3.8
TE2105-Q2
Dimensions (continued)
Power Relay F7 with PCB terminals
Production in Asia (only)
Product code
Arrangement
Cover
Coil suppr.
Circuit1)
Coil
Contact mat.
Terminals
Part number
V23134-J0052-D642
1 form A, 1 NO
Standard
NO
12VDC
Silver based
Plug-in, QC
7-1904094-7
V23134-J0052-X429
Resistor 680Ω
NOR
7-1904094-8
V23134-J0052-X439
Diode (cathode 86)
NOD
7-1904094-9
V23134-J0052-X4613)
Resistor 560Ω
NOR
8-1904094-0
V23134-J0053-D642
NO
24VDC
8-1904094-3
V23134-J0056-X4082)3)
Resistor 1200Ω
NOR
8-1904094-4
1) See terminal assignment diagrams.
3) Special feature: 14.5mm load terminals.
2) Special feature: contact gap >0.8mm.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.


Similar Part No. - VF7-11H11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VF7-11H12 MACOM-VF7-11H12 Datasheet
330Kb / 4P
   Power Relay F7
More results

Similar Description - VF7-11H11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VF7-11H12 MACOM-VF7-11H12 Datasheet
330Kb / 4P
   Power Relay F7
1393304-5 MACOM-1393304-5 Datasheet
315Kb / 4P
   Power Relay F7
VF7-11F12 MACOM-VF7-11F12 Datasheet
337Kb / 3P
   Power Relay F7
logo
Lapp.
73000016 LAPP-73000016 Datasheet
200Kb / 3P
   EPIC® POWER LS1 F7 3PE4
18.09.2020
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com