Selected language     English  ā–¼


W01M Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. W01M
Description  Complete Discrete Semiconductor Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

   
 1 page
background image
Home | Profile | Designer Kits | Products | Applications | Catalog | Contact Us | Event Calendar | Terms & Conditions
Product Catalog > Diodes > Bridge Rectifiers >
Part Number
W04M
product family
BRIDGE RECTIFIERS
package type
WOM
VRM(PRV)
400V
Ifsm
50A
IF(AV)
1.5A
@Vf
1.0V
@If
1.5A
Trr
IR
10ĀµA
@VR
400V
Package Qty
Bulk: 1K/Box, 10K/Ctn .
This product is listed under the following categories where you may find similar products:
Diodes
Bridge Rectifiers




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl