Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W107DIP-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W107DIP-8
Description  117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W107DIP-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W107DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers W107DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers W107DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers W107DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Magnecraft Solution Guide 105A
Magnecraft Solution Guide 105A
13
5
7
0.76 MAX
(19.3)
0.34
(8.55)
0.3
(7.5)
0.2
(5)
0.02
(0.51)
0.6
(15.2)
0.01
(0.25)
0.08
(1.97)
0.125 MIN.
(3.18)
0.1 IN GRID
(2.54 MM)
Circuit Board Pin Spacing
Viewed from component side
1
7
0.29 MAX
(7.27)
General Specifications
~
~
~
~
117SIP
DRAWING ENLARGED TO 200% OF ACTUAL SIZE
WHEN SPACING SIP AND DIP
RELAYS, THE RELAYS REQUIRE
1/2 INCH SPACING FROM THE
SIDE OF THE ADJACENT RELAYS
117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/
SPDTandSPST0.5AmpRated
MiniatureReedRelays
Units
A
V
V
mA
V
W
ms
V
V
V
°C
°C
g-n
g-n
grams
117SIP
SPST
Rhodium
0.5
120
200
10
5….24
80% to 110%
0.29
10%
50,000,000
100,000,000
0.45
500
500
150
-40…+85
-40…+55
20,10-200Hz
50
1
Contact Characteristics
Number and type of Contacts
Contact materials
Current rating
Switching voltage
MinimumSwitchingRequirement
Coil Characteristics
VoltageRange
OperatingRange
Average consumption
Drop-out voltage threshold
Performance Characteristics
ElectricalLife
MechanicalLife
Operating time (response time)
Ratedinsulationvoltage
Dielectric strength
rms voltage
Environment
Ambient air temperature
around the device
Vibrationresistance
Shock resistance
Weight
Minimum
% of Nominal
Operations@RatedCurrent(Resistive)
Unpowered
Between coil and contact
Between poles
Between contacts
Storage
Operation
Operational
117SIP
RequiresOnly0.5InchSpacing
fromAdjacentRelays
CanSustainLead-FreeRe-flow
for Pin-Thru-Paste Assembly
RoHSCompliant
Pins are 0.20 Inch
on Center for Simple
RoutingonPCB
8/8


Similar Part No. - W107DIP-8

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1076 PULSE-W1076 Datasheet
985Kb / 8P
   433MHz Swivel Stick Dipole ?밪MA-M
W1079 PULSE-W1079 Datasheet
1Mb / 8P
   779-787MHz RA Stick Monopole ?밪MA-M
More results

Similar Description - W107DIP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W171DIP-7 ETC2-W171DIP-7 Datasheet
270Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
W171DIP-4 ETC2-W171DIP-4 Datasheet
269Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
W9AS1D52-12 ETC2-W9AS1D52-12 Datasheet
289Kb / 4P
   9A Miniature Power Relays/SPST and SPDT 30 Amp Rating (DC and AC)
logo
Meder Electronic
CRR05-1AS MEDER-CRR05-1AS_12 Datasheet
479Kb / 3P
   SPST Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
Grayhill, Inc
07Z1047-1 GRAYHILL-07Z1047-1 Datasheet
79Kb / 1P
   SPST and SPDT, 10 Amp Momentary Contact
logo
DB Lectro Inc
20D-1A15N15 DBLECTRO-20D-1A15N15 Datasheet
1,004Kb / 2P
   INPENDANCE MINIATURE REED RELAYS
logo
List of Unclassifed Man...
W172DIP-149 ETC2-W172DIP-149 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com