Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WR12
Description  Thick Film General Purpose Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval sheet
Page 3 of 9
ASC_WR_V21
Mar.- 2012
QUICK REFERENCE DATA
Item
General Specification
Series No.
WR12
WR08
WR06
WR04
Size code
1206(3216)
0805(2012)
0603(1608)
0402(1005)
Resistance Range
1
Ω~10MΩ (±5% tolerance), Jumper
1
Ω~10MΩ (±1% tolerance),
Resistance Tolerance
±1%
E96/E24
±5%
E24
±1%
E96/E24
±5%
E24
±1%
E96/E24
±5%
E24
±1%
E96/E24
±5%
E24
TCR (ppm/
°C)
10M
Ω ≥R>10Ω
R
≤10Ω
≤ ± 100
-200~+400
Max. dissipation
@ Tamb=70
°C
1/4 W
1/8 W
1/10 W
1/16 W
Max. Operation
Voltage (DC or RMS)
200V
150V
50V
50V
Max. Overload
Voltage (DC or RMS)
400V
300V
100V
100V
Climatic category
55/155/56
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
3.
The resistance of Jumper is defined <0.05
Ω.
DIMENSIONS (unit : mm)
WR12
WR08
WR06
WR04
L
3.10
± 0.10
2.00
± 0.10
1.60
± 0.10
1.00
± 0.05
W
1.60
± 0.10
1.25
± 0.10
0.80
± 0.10
0.50
± 0.05
T
0.60
± 0.15
0.50
± 0.15
0.45
± 0.15
0.35
± 0.05
Tb
0.45
± 0.20
0.40
± 0.20
0.30
± 0.15
0.25
± 0.10
Tt
0.50
± 0.20
0.40
± 0.20
0.30
± 0.10
0.20
± 0.10


Similar Part No. - WR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR12 ETC2-WR12 Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
WR12 ETC2-WR12 Datasheet
242Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
TDK Electronics
WR121210-27M8-ID TDK-WR121210-27M8-ID Datasheet
132Kb / 1P
   Rx Coil Units and Modules
logo
Nihon Kaiheiki Industry...
WR12AF NKK-WR12AF Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
More results

Similar Description - WR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
   Thick Film General Purpose chip resistors
logo
List of Unclassifed Man...
WR08X562 ETC2-WR08X562 Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR02X WALSIN-WR02X Datasheet
230Kb / 7P
   Thick Film General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
   Thick film Technology General purpose chip resistors
logo
Samsung semiconductor
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F6651CS SAMSUNG-RC2012F6651CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com