Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-C3CN-08000-K01-R Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-C3CN-08000-K01-R
Description  Piezoelectric Resonator (4 to 20 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C3CN-08000-K01-R Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-C3CN-08000-K01-R Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FAR Family (C3 series M/N type)
s PART NUMBERING SYSTEM
(1) Series
(2) Package type
(3) Package size
(4) Oscillation frequency
Frequency is specified with 5-digit in kHz of unit.
See “s Standard Frequency.”
(5) Initial frequency deviation
(6) Built-in capacitors
Series
Material
Capacitators
C3
LiTaO3
Built-in type
Symbol
Type
CChip
Symbol
Size
M4.5
× 10.0 × 2.0 mm (4.0 MHz to 5.9 MHz)
N3.2
× 8.0 × 1.6 mm (6.0 MHz to 20.0 MHz)
Frequency
Symbol
[Example] 8.000 MHz
08000
Symbol
Deviation
F
+0.025%
–0.035%
G
±0.05%
J
±0.1%
K
±0.3%
Symbol
Capacitor
020
±8 pF
110
±4 pF
FAR
C
(1) (2)
——
C
3
(3)
(4)
(5) (6) (7) (8) (9)


Similar Part No. - FAR-C3CN-08000-K01-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results

Similar Description - FAR-C3CN-08000-K01-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com