Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-C3CN-08000-K01-R Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FAR-C3CN-08000-K01-R
Description  Piezoelectric Resonator (4 to 20 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C3CN-08000-K01-R Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FAR-C3CN-08000-K01-R Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C3CN-08000-K01-R Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS07-10205-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Resonator
Piezoelectric Resonator (4 to 20 MHz)
FAR Family (C3 series M/N type)
s DESCRIPTION
The features of the C3 series (M,N Type) resonators are compact and high stability. They are fabricated on a
lithium tantalate (LitaO3) substrate, producing resonators with ultra compact and superior stability due to the
high electromechanical coupling coefficient of the material.
They include two loading capacitors inside and are housed in chip type of package for surface mount. These
contribute saving mount space and reducing cost.
s FEATURES
• High stability (Overall frequency deviation; 0.10% max)
• Ultra small package
• Wide frequency range in 4 MHz to 20 MHz
• Suitable for microcomputer clock
• Emboss-typed pack for automatic mounting
• Superior shock and vibration resistance, preventing damage during automatic mounting
s PACKAGE
F
4.00
FH
F
16.0FH


Similar Part No. - FAR-C3CN-08000-K01-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results

Similar Description - FAR-C3CN-08000-K01-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com