Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-48-2052 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 26-48-2052
Description  KK짰 396 Breakaway Header, Right-Angle, 5 Circuits, Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

26-48-2052 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  26-48-2052 Datasheet HTML 1Page - Molex Electronics Ltd. 26-48-2052 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
41662-A05A241
Reference - Drawing Numbers
Product Specification
PS-08-50
Sales Drawing
SD-41662-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 26-48-2052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-2056 MOLEX11-26-48-2056 Datasheet
64Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle with Friction Lock, 5 Circuits, Gold (Au) Plating
More results

Similar Description - 26-48-2052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-2112 MOLEX11-26-48-2112 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 11 Circuits, Gold (Au) Plating
26-48-2122 MOLEX11-26-48-2122 Datasheet
68Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 12 Circuits, Gold (Au) Plating
26-48-2172 MOLEX11-26-48-2172 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 17 Circuits, Gold (Au) Plating
26-48-2182 MOLEX11-26-48-2182 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 18 Circuits, Gold (Au) Plating
26-48-2032 MOLEX11-26-48-2032 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 3 Circuits, Gold (Au) Plating
26-48-2142 MOLEX11-26-48-2142 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 14 Circuits, Gold (Au) Plating
26-48-2162 MOLEX11-26-48-2162 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 16 Circuits, Gold (Au) Plating
26-48-2072 MOLEX11-26-48-2072 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 7 Circuits, Gold (Au) Plating
26-48-2152 MOLEX11-26-48-2152 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 15 Circuits, Gold (Au) Plating
26-48-2082 MOLEX11-26-48-2082 Datasheet
57Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 8 Circuits, Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com