Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F4DA-97M728-G201 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-F4DA-97M728-G201
Description  TIMING EXTRACTION FILTER (50 to 300MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F4DA-97M728-G201 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-F4DA-97M728-G201 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F4DA-97M728-G201 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F4DA-97M728-G201 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F4DA-97M728-G201 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F4DA-97M728-G201 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F4DA-97M728-G201 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
F4 SERIES
s DIMENSIONS
15.2 (0.598)
1
14
7
8
20.8 max (0.819)
18.3 (0.720)
ø0.5 (0.020)
10.7 (0.421)
Dimensions in mm (inches)


Similar Part No. - FAR-F4DA-97M728-G201

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4SE-36M000-A005 FUJITSU-FAR-F4SE-36M000-A005 Datasheet
94Kb / 4P
   IF Filter for Terrestrial-TV
FAR-F4SE-36M125-A001 FUJITSU-FAR-F4SE-36M125-A001 Datasheet
100Kb / 4P
   IF Filter for Terrestrial-TV
FAR-F4SE-36M125-H0E5 FUJITSU-FAR-F4SE-36M125-H0E5 Datasheet
70Kb / 5P
   IF Filter for TV tuner
FAR-F4SE-36M125-H0E7 FUJITSU-FAR-F4SE-36M125-H0E7 Datasheet
103Kb / 7P
   IF Filter for Terrestrial-TV/STB
FAR-F4SE-36M125-H0E8 FUJITSU-FAR-F4SE-36M125-H0E8 Datasheet
103Kb / 7P
   IF Filter for Terrestrial-TV/STB
More results

Similar Description - FAR-F4DA-97M728-G201

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F1DA FUJITSU-FAR-F1DA Datasheet
38Kb / 8P
   TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz)
logo
Golledge Electronics Lt...
MP01606 GOLLEDGE-MP01606 Datasheet
72Kb / 6P
   SAW Filter 300MHz
MP02017 GOLLEDGE-MP02017 Datasheet
74Kb / 6P
   SAW Filter 300MHz
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
   300MHz to 6000MHz Operation
logo
TriQuint Semiconductor
ASMA203 TRIQUINT-ASMA203 Datasheet
246Kb / 3P
   26dBm, 50 Ohm Amplifier 1-300MHz
logo
SIPAT Co,Ltd
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
   300MHz Low-loss SAW Filter 45MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com