Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5323PIZ-4.5A Datasheet(PDF) 8 Page - Intersil Corporation

Part # X5323PIZ-4.5A
Description  CPU Supervisor with 32kBit SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5323PIZ-4.5A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X5323PIZ-4.5A Datasheet HTML 4Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 5Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 6Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 7Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 8Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 9Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 10Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 11Page - Intersil Corporation X5323PIZ-4.5A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8131.2
June 30, 2008
.
The watchdog timer bits, WD0 and WD1, select the
watchdog time out period. These nonvolatile bits are
programmed with the WRSR instruction.
The FLAG bit shows the status of a volatile latch that can be
set and reset by the system using the SFLB and RFLB
instructions. The flag bit is automatically reset upon
power-up. This flag can be used by the system to determine
whether a reset occurs as a result of a watchdog time out or
power failure.
Note: The Watch Dog Timer is shipped disabled. (WD1 = 1,
WD0 = 1. The factory default for Memory Block Protection is
‘None’. (BL1 = 0, BL0 = 0).
The nonvolatile WPEN bit is programmed using the WRSR
instruction. This bit works in conjunction with the WP pin to
provide an in-circuit programmable ROM function (Table 2). WP
is LOW and WPEN bit programmed HIGH disables all status
register write operations.
In Circuit Programmable ROM Mode
This mechanism protects the block lock and watchdog bits
from inadvertent corruption.
In the locked state (programmable ROM mode) the WP pin is
LOW and the nonvolatile bit WPEN is “1”. This mode disables
nonvolatile writes to the device’s status register.
Setting the WP pin LOW while WPEN is a “1” while an
internal write cycle to the status register is in progress will
not stop this write operation, but the operation disables
subsequent write attempts to the status register.
When WP is HIGH, all functions, including nonvolatile writes
to the status register operate normally. Setting the WPEN bit
in the status register to “0” blocks the WP pin function,
allowing writes to the status register when WP is HIGH or
LOW. Setting the WPEN bit to “1” while the WP pin is LOW
activates the programmable ROM mode, thus requiring a
change in the WP pin prior to subsequent status register
changes. This allows manufacturing to install the device in a
system with WP pin grounded and still be able to program
the status register. Manufacturing can then load
configuration data, manufacturing time and other parameters
into the EEPROM, then set the portion of memory to be
protected by setting the block lock bits, and finally set the
“OTP mode” by setting the WPEN bit. Data changes now
require a hardware change.
Read Sequence
When reading from the EEPROM memory array, CS is first
pulled low to select the device. The 8-bit READ instruction is
transmitted to the device, followed by the 16-bit address.
After the READ opcode and address are sent, the data
stored in the memory at the selected address is shifted out
on the SO line. The data stored in memory at the next
address can be read sequentially by continuing to provide
clock pulses. The address is automatically incremented to
the next higher address after each byte of data is shifted out.
STATUS
REGISTER BITS
ARRAY ADDRESSES PROTECTED
BL1
BL0
X5323/X5325
0
0
None (factory default)
0
1
$0C00 to $0FFF
1
0
$0800 to $0FFF
1
1
$0000 to $0FFF
STATUS REGISTER BITS
WATCHDOG TIME-OUT
(TYPICAL)
WD1
WD0
0
0
1.4s
0
1
600ms
1
0
200ms
1
1
disabled (factory default)
0
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
25
26
27
28
29
30
7
6
543
21
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16-BIT ADDRESS
15
14
13
3
2
1
0
FIGURE 5. READ EEPROM ARRAY SEQUENCE
X5323, X5325


Similar Part No. - X5323PIZ-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323PIZ-4.5A INTERSIL-X5323PIZ-4.5A Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
logo
Renesas Technology Corp
X5323PIZ-4.5A RENESAS-X5323PIZ-4.5A Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
More results

Similar Description - X5323PIZ-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com