Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5323PI-2.7A Datasheet(PDF) 1 Page - Intersil Corporation

Part # X5323PI-2.7A
Description  CPU Supervisor with 32kBit SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5323PI-2.7A Datasheet(HTML) 1 Page - Intersil Corporation

  X5323PI-2.7A Datasheet HTML 1Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 2Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 3Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 4Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 5Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 6Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 7Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 8Page - Intersil Corporation X5323PI-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8131.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X5323, X5325
(Replaces X25323, X25325)
CPU Supervisor with 32kBit SPI EEPROM
These devices combine four popular functions, Power-on
Reset Control, Watchdog Timer, Supply Voltage Supervision,
and Block Lock Protect Serial EEPROM Memory in one
package. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and oscillator to stabilize
before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the RESET/RESET signal. The user
selects the interval from three preset values. Once selected,
the interval does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions, resetting the system
when VCC falls below the minimum VCC trip point.
RESET/RESET is asserted until VCC returns to proper
operating level and stabilizes. Five industry standard VTRIP
thresholds are available, however, Intersil’s unique circuits
allow the threshold to be reprogrammed to meet custom
requirements or to fine-tune the threshold for applications
requiring higher precision.
Features
• Selectable watchdog timer
•Low VCC detection and reset assertion
- Five standard reset threshold voltages
- Re-program low VCC reset threshold voltage using
special programming sequence
- Reset signal valid to VCC = 1V
• Determine watchdog or low voltage reset with a volatile
flag bit
• Long battery life with low power consumption
- <50µA max standby current, watchdog on
- <1µA max standby current, watchdog off
- <400µA max active current during read
• 32kbits of EEPROM
• Built-in inadvertent write protection
- Power-up/power-down protection circuitry
- Protect 0, 1/4, 1/2 or all of EEPROM array with Block
Lockprotection
- In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 and 1,1)
• Minimize EEPROM programming time
- 32-byte page write mode
- Self-timed write cycle
- 5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply
operation
• Available packages
- 14 Ld TSSOP, 8 Ld SOIC, 8 Ld PDIP
• Pb-free (RoHS compliant)
Block Diagram
WATCHDOG
TIMER RESET
DATA
REGISTER
COMMAND
DECODE AND
CONTROL
LOGIC
SI
SO
SCK
CS/WDI
VCC
RESET AND
WATCHDOG
TIMEBASE
POWER-ON AND
GENERATION
VTRIP
+
-
RESET/RESET
RESET
LOW VOLTAGE
STATUS
REGISTER
PROTECT LOGIC
8kBITS
8kBITS
16kBITS
WATCHDOG TRANSITION
DETECTOR
WP
X5323 = RESET
X5325 = RESET
VCC THRESHOLD
RESET LOGIC
Data Sheet
June 30, 2008


Similar Part No. - X5323PI-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323PI-2.7A INTERSIL-X5323PI-2.7A Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
More results

Similar Description - X5323PI-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com