Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

144879 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 144879
Description  TMC-S-09-EE-Euro-BA8
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

144879 Datasheet(HTML) 1 Page - ERNI Electronics

  144879 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackungseinheit: 125 Stück -
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Packaging unit: 125 pcs
Abspulrichtung -
Reel off Direction
Sonstige Angaben siehe Zeichnung 204656 /
additional indications according to drawing 204656
174436
Ø
3,2
154174
#4-40
154173
M3
154172
#4-40
154171
M3
Ident-Nr.
part-no.
Gurt
tape on reel
Ident-Nr.
part-no.
Tray
tray
ohne
without
Mutter
nut
Bolzen
bolt
Bemerkung
remark
prior notice.
contact one of the ERNI companies
Date
07.12.2011
f
Index
TMCS
TMC-S-09-EE-Euro-BA8
TMC-S-09-EE-Euro-BA8
144879
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
ohne / without
LP /
PCB
7,9
10,7
7,6
Pin 1
28
tray packaging
packaging unit 32 pcs
Verpackungseinheit 32 Stück
Verpackt in Tray
Pin 1
Sonstige Angaben siehe Zeichnung 204630 /
additional indications according to drawing 204630
36
252
7 x 36 =
325 max.
Fehlende Masse und Angaben siehe DIN 41652 /
Missing information and dimensions according to DIN 41652
Sonstige Angaben siehe Fertigungsunterlagen /
Additional indications according to production documentation
Anschlussbereich verzinnt
terminal area tin plating
Anforderungsstufe: 2
class: 2
25 ±0,2
16,4 -0,2
31 -0,4
+0,2
Layoutvorschlag
recommended layout
0,05
B
Sonstige Angaben siehe Zeichnung 164062 /
additional indications according to drawing 164062
0,05 A
Pin 1
B
0,05
A
3 x 2,74 =
-0,06
+0,09
1
+0,04
-0,06
3
2,74
1,37
2,74
8,22
25 ±0,05
4 x 2,74 = 10,96
Gewindetiefe /
depth of thread
Bolzen /
bolt
Gewinde /
thread
M3 /
#4-40
6
6,4
Mutter /
nut
Gewinde /
thread
M3 /
#4-40
Gewindetiefe /
depth of thread
1,65


Similar Part No. - 144879

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144871 ERNI-144871 Datasheet
129Kb / 1P
   TMC-S-09-EE-Standard-BA8
144872 ERNI-144872 Datasheet
134Kb / 1P
   TMC-S-15-EE-Standard-BA8
144873 ERNI-144873 Datasheet
146Kb / 1P
   TMC-S-25-EE-Standard-BA8
144874 ERNI-144874 Datasheet
168Kb / 1P
   TMC-S-37-EE-Standard-BA8
144875 ERNI-144875 Datasheet
440Kb / 1P
   TMC P 9 EE STANDARD
More results

Similar Description - 144879

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224949 ERNI-224949 Datasheet
75Kb / 1P
   TMC-P-09-EE-SV-Euro-BA8-ZV
144863 ERNI-144863 Datasheet
119Kb / 1P
   TMC-S-09-THR-Euro-BA8
144847 ERNI-144847 Datasheet
136Kb / 1P
   TMC-S-09-SMD-Euro-BA8
144881 ERNI-144881 Datasheet
122Kb / 1P
   TMC-S-25-EE-Euro-BA8
144880 ERNI-144880 Datasheet
119Kb / 1P
   TMC-S-15-EE-Euro-BA8
144871 ERNI-144871 Datasheet
129Kb / 1P
   TMC-S-09-EE-Standard-BA8
144882 ERNI-144882 Datasheet
124Kb / 1P
   TMC-S-37-EE-Euro-BA8
204486 ERNI-204486 Datasheet
116Kb / 1P
   TMC-S-09-THR OM-Euro-BA8
100101370001 ERNI-100101370001 Datasheet
86Kb / 1P
   TMC-S 09-EE-3,7-5,6-BA8
144900 ERNI-144900 Datasheet
83Kb / 1P
   TMC-S 09-EE-3,0-6,3-BA8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com