Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CP-820M00-D202 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-F5CP-820M00-D202
Description  Piezoelectric SAW BPF (700 to 1700MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CP-820M00-D202 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-F5CP-820M00-D202 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CP-820M00-D202 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
F5CP/F6CP Series
5
2.
PDC800-RX
PART NUMBER : FAR-F5CP-820M00-D202
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
810 to 830 MHz
2.6
3.3
dB
In-band ripple
810 to 830 MHz
0.8
1.5
dB
Absolute
attenuation
DC to 760 MHz
45
52
dB
855 to 875 MHz
28
30
dB
875 to 920 MHz
35
38
dB
920 to 1200 MHz
45
55
dB
1200 to 2000 MHz
40
47
dB
In-band VSWR
(Return loss)
810 to 830 MHz
(8.5)
2.0
(9.5)
2.2
(
)
(dB)
2
1
S11
1U FS
1 : 50.861
Ω−8.7852 Ω
S21
log MAG
10 dB/
REF 0 dB
CENTER 820 MHz
SPAN 300 MHz
CENTER 820 MHz
SPAN 300 MHz
1 :
−2.4056 dB
810 MHz
S22
1U FS
1 : 51.545
Ω−8.2246 Ω
23.89 pF
810 MHz
2 : 86.727
6.6094
830 MHz
3 : 4.5059
−47.348 Ω
760 MHz
4 : 22.906
−119.41 Ω
855 MHz
S11
SWR
1 /
REF 1
CENTER 820 MHz
SPAN 300 MHz
CENTER 820 MHz
SPAN 300 MHz
1 : 1.1966
810 MHz
3
4
3
3
4
4
3
4
22.366 pF
810 MHz
2 : 88.93
5.2227
830 MHz
3 : 4.5723
−48.232 Ω
760 MHz
4 : 22.301
−121.53 Ω
855 MHz
1
2
2
1
1
2
2 :
−2.5113 dB
830 MHz
3 :
−56.9 dB
760 MHz
4 :
−31.782 dB
855 MHz
2 : 1.7897
830 MHz
3 : 21.137
760 MHz
4 : 15.897
855 MHz


Similar Part No. - FAR-F5CP-820M00-D202

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CP-820M00-D202

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com