Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24167 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24167
Description  2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24167 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24167 Datasheet HTML 2Page - Texas Instruments BQ24167 Datasheet HTML 3Page - Texas Instruments BQ24167 Datasheet HTML 4Page - Texas Instruments BQ24167 Datasheet HTML 5Page - Texas Instruments BQ24167 Datasheet HTML 6Page - Texas Instruments BQ24167 Datasheet HTML 7Page - Texas Instruments BQ24167 Datasheet HTML 8Page - Texas Instruments BQ24167 Datasheet HTML 9Page - Texas Instruments BQ24167 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
USB
SW
BOOT
DRV
SYS
BAT
V
MINSYS
BGATE
CHG
IUSB1
VDRV
TS
TS COLD
TS HOT
TS WARM
TS COOL
1C/0.5C
DISABLE
V
Comparator
SYSREG
PMIDU
DC-DC CONVERTER
PWM LOGIC,
COMPENSATION
AND
BATTERY FET CONTROL
4.2V/4.06V
5.2-V Reference
V
BATSHRT
V
BATOVP
V
Comparator
BATSC
V
BAT
V
BAT
V
BAT
V
USB
V
USB
V
IN
V
IN
V
USBOVP
V
+
BAT
V
SLP
V
+
BAT
V
SLP
V
INOVP
Termination Comparator
CHARGE
CONTROLLER
with Timer
PMIDI
IN
V
SUPPLY
SUPPLY_SEL
V
– 0.12V
BATREG
Recharge Comparator
V
BAT
V
SYS
Enable Linear
Charge
PGND
Q4
Q3
Q2
Q1
IN I
INLIM
CbC Current
Limit
PG
References
Enable
I
BATSHRT
Supplement Comparator
V
BSUP
V
SYS
Hi-Z Mode
Sleep Comparators
bq24167
V
BAT
Good Battery
Circuit
5A
IN V
INDPM
USB I
USBLIM
USB V
INDPM
V
SYS(REG)
I
BAT(REG)
V
BAT(REG)
DIE Temp
Regulation
I
BAT
V
BATGD
Start Recharge
Cycle
DISABLE
OVP Comparators
V
Comparator
BOVP
CE
ISET
bq24166/7
IUSB2
IUSB3
bq24166/7
CE1
CE2
VDPM
ILIM
10% of I
CHARGE
USB
Input
Current
Limit
Decode
bq24165
bq24166
bq24167
SLUSAP4B – DECEMBER 2011 – REVISED MARCH 2013
www.ti.com
BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: bq24165 bq24166 bq24167


Similar Part No. - BQ24167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24167 TI-BQ24167 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24167RGER TI-BQ24167RGER Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24167RGET TI-BQ24167RGET Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24167YFFR TI-BQ24167YFFR Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24167YFFT TI-BQ24167YFFT Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results

Similar Description - BQ24167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com