Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CM-902M50-B263-U Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FAR-F5CM-902M50-B263-U
Description  SAW Filter (700 to 1000 MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CM-902M50-B263-U Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FAR-F5CM-902M50-B263-U Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CM-902M50-B263-U Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
F5CM Series (B2)
2
s
s
s
s PIN ASSIGNMENT
s
s
s
s PIN DESCRIPTION
• BALANCED IN/UNBALANCED OUT type (Tx filter)
• UNBALANCED IN/BALANCED OUT type (Rx filter)
Pin no.
Pin name
Description
1
GND
Ground Pin
2
OUT
Unbalanced output
3
GND
Ground Pin
4
IN
Balanced Input
5
GND
Ground Pin
6
IN
Balanced Input
Pin no.
Pin name
Description
1
GND
Ground Pin
2
IN
Unbalanced Input
3
GND
Ground Pin
4
OUT
Balanced Output
5
GND
Ground Pin
6
OUT
Balanced Output
(BOTTOM VIEW)
6
5
4
12
3


Similar Part No. - FAR-F5CM-902M50-B263-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CM-902M50-B263-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Fujitsu Component Limit...
FAR-G5CN FUJITSU-FAR-G5CN Datasheet
494Kb / 39P
   SAW Dual Filter (700 to 2000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com