Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CP-947M50-D206 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FAR-F5CP-947M50-D206
Description  Piezoelectric SAW BPF (700 to 1700MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CP-947M50-D206 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button FAR-F5CP-947M50-D206 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
F5CP/F6CP Series
9
6.
SYSTEM : GSM-Rx
PART NUMBER : FAR-F5CP-947M50-D206
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
935 to 960 MHz
3.1
3.5
dB
In-band ripple
935 to 960 MHz
1.3
1.5
dB
Absolute
attenuation
DC to 871 MHz
45
50
dB
890 to 915 MHz
30
45
dB
980 to 1025 MHz
25
30
dB
1025 to 2000 MHz
45
48
dB
2000 to 3000 MHz
30
33
dB
In-band VSWR
(Return loss)
935 to 960 MHz
(8.1)
2.1
(9.0)
2.3
(
)
(dB)
S11
1U FS
1 : 46.617
Ω−4.2656 Ω
S21
log MAG
10 dB/
REF 0 dB
CENTER 950 MHz
SPAN 300 MHz
CENTER 950 MHz
SPAN 300 MHz
1 :
−2.9325 dB
935 MHz
S22
1U FS
1 : 47.164
Ω−1.9922 Ω
85.443 pF
935 MHz
2 : 72.879
−7.1406 Ω
960 MHz
3 : 3.4033
−19.452 Ω
915 MHz
4 : 20.859
−170.99 Ω
980 MHz
S11
SWR
1 /
REF 1
CENTER 950 MHz
SPAN 300 MHz
CENTER 950 MHz
SPAN 300 MHz
1 : 1.1193
935 MHz
3
3
4
4
2
1
3
4
39.905 pF
935 MHz
2 : 72.273
−12.234 Ω
960 MHz
3 : 3.1875
−19.772 Ω
915 MHz
4 : 18.07
−157.97 Ω
980 MHz
2 :
−2.8297 dB
960 MHz
3 :
−45.716 dB
915 MHz
4 :
−30.562 dB
980 MHz
2 : 1.5219
960 MHz
3 : 18.194
915 MHz
4 : 30.704
980 MHz
2
1
3
4
1
2
1
2


Similar Part No. - FAR-F5CP-947M50-D206

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CP-947M50-D206

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com