Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2757 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2757
Description  Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2757 Datasheet(HTML) 1 Page - Texas Instruments

  LM2757_14 Datasheet HTML 1Page - Texas Instruments LM2757_14 Datasheet HTML 2Page - Texas Instruments LM2757_14 Datasheet HTML 3Page - Texas Instruments LM2757_14 Datasheet HTML 4Page - Texas Instruments LM2757_14 Datasheet HTML 5Page - Texas Instruments LM2757_14 Datasheet HTML 6Page - Texas Instruments LM2757_14 Datasheet HTML 7Page - Texas Instruments LM2757_14 Datasheet HTML 8Page - Texas Instruments LM2757_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2757
VIN
C2+
C2-
1 µF
0.47 µF
VOUT
1.0 µF
C1+
C1-
0.47 µF
*Bump D1 is (NC) No Connect
VIN = 3.0V - 5.5V
B2,B3
A3
B1
A1
C3
C1,C2
A2
GND
VOUT = 4.1V (100 mA), 4.5V (110 mA)
5.0V (180 mA)
M0
D3
M1
D2
COUT
C2
C1
CIN
LM2757
www.ti.com
SNVS536D – OCTOBER 2007 – REVISED AUGUST 2009
LM2757 Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
Check for Samples: LM2757
1
FEATURES
2
Dual gain converter (2x, 3/2x) with up to 93%
Tiny 1.2 mm X 1.6 mm X 0.4 mm pitch,
Efficiency.
12–bump micro SMD package.
Inductorless solution uses only 4 small
APPLICATIONS
ceramic capacitors.
USB/USB-OTG/HDMI Power
Total solution area < 12mm2.
Supercapacitor Charger
True input-output and output-input disconnect.
Keypad LED Drive
Up to 180 mA output current capability (5V).
Audio amplifier power supply
Selectable 4.1V, 4.5V or 5.0V output.
Low-current Camera Flash
Pre-regulation minimizes input current ripple.
General Purpose Li-Ion-to-5V Conversion
1.24 MHz switching frequency for a low-noise,
low-ripple output voltage.
Cellular Phone SIM cards
Integrated Over Current and Thermal
Shutdown Protection.
DESCRIPTION
The LM2757 is a constant frequency pre-regulated switched-capacitor charge pump that operates at 1.25 MHz to
produce a low-noise regulated output voltage. The device can be configured to provide up to 100 mA at 4.1V,
110 mA at 4.5V, or 180 mA at 5V. Excellent efficiency is achieved without the use of an inductor by operating the
charge pump in a gain of either 3/2 or 2 according to the input voltage and output voltage option selection.
The LM2757 presents a high impedance at the VOUT pin when shut down. This allows for use in applications that
require the regulated output bus to be driven by another supply while the LM2757 is shut down.
A perfect fit for space-constrained, battery-operated applications, the LM2757 requires only 4 small, inexpensive
ceramic capacitors. LM2757 is a tiny 1.2 mm X 1.6 mm 12–bump micro SMD device. Built in soft-start, over-
current protection, and thermal shutdown features are also included in this device.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2757_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
More results

Similar Description - LM2757_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com