Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2794 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2794_14 Datasheet HTML 2Page - Texas Instruments LM2794_14 Datasheet HTML 3Page - Texas Instruments LM2794_14 Datasheet HTML 4Page - Texas Instruments LM2794_14 Datasheet HTML 5Page - Texas Instruments LM2794_14 Datasheet HTML 6Page - Texas Instruments LM2794_14 Datasheet HTML 7Page - Texas Instruments LM2794_14 Datasheet HTML 8Page - Texas Instruments LM2794_14 Datasheet HTML 9Page - Texas Instruments LM2794_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2.7
3.2
3.7
4.2
4.7
5.2
5.7
0
1
2
3
4
5
-30
°C
25
°C
100
°C
V
IN
(V)
2.7
3.2
3.7
4.2
4.7
5.2
5.7
100
°C
-30
°C
25
°C
V IN (V)
0
20
40
60
80
100
120
LM2794, LM2795
SNVS168K – MAY 2004 – REVISED MAY 2004
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, C1 = C2 = CIN = CHOLD = 1µF, VIN = 3.6V, BRGT pin = 0V, RSET = 124Ω.
VSET
Duty Cycle
vs
vs.
VBRGT
Led Current (LM2794)
RSET = 1KΩ
IDIODE 1- 4 = 15mA
Supply Current
Supply Current
vs
vs
VIN
VIN
IDIODE 1-4 = 15mA
IDIODE 1-4 = Open
Shutdown Supply Current
Shutdown Threshold
vs
vs
VIN
VIN
Start-Up Response @ VIN = 2.7V (LM2794)
Start-Up Response @ VIN = 2.7V (LM2795)
6
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM2794 LM2795


Similar Part No. - LM2794_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794BL NSC-LM2794BL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794BLX NSC-LM2794BLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL NSC-LM2794TL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794TL/NOPB TI1-LM2794TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794TLX NSC-LM2794TLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

Similar Description - LM2794_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com