Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2794 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2794 Datasheet HTML 5Page - Texas Instruments LM2794 Datasheet HTML 6Page - Texas Instruments LM2794 Datasheet HTML 7Page - Texas Instruments LM2794 Datasheet HTML 8Page - Texas Instruments LM2794 Datasheet HTML 9Page - Texas Instruments LM2794 Datasheet HTML 10Page - Texas Instruments LM2794 Datasheet HTML 11Page - Texas Instruments LM2794 Datasheet HTML 12Page - Texas Instruments LM2794 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
VIN
LM2795
SD
Shutdown
Control
*Only on
LM2795
10PA
*
LM2794, LM2795
www.ti.com
SNVS168K – MAY 2004 – REVISED MAY 2004
Figure 2. Open-Drain Logic Shutdown Control
The LM2794 has an active-low shutdown pin (LOW = shutdown, HIGH = operating). The LM2794 SD pin can be
driven with a low-voltage CMOS logic signal (1.5V logic, 1.8V logic, etc). There is no internal pull-up or pull-down
on the SD pin of the LM2794.
CAPACITOR SELECTION
The LM2794/5 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR,
≤15mΩ typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are generally
not recommended for use with the LM2794/5 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM2794/5. These capacitors have tight capacitance tolerance (as good as ±10%), hold their value over
temperature (X7R: ±15% over
−55°C to 125°C; X5R: ±15% over −55°C to 85°C), and typically have little voltage
coefficient. Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with
the LM2794/5. Capacitors with these temperature characteristics typically have wide capacitance tolerance
(+80%,
−20%), vary significantly over temperature (Y5V: +22%, −82% over −30°C to +85°C range; Z5U: +22%,
−56% over +10°C to +85°C range), and have poor voltage coefficients. Under some conditions, a nominal 1µF
Y5V or Z5U capacitor could have a capacitance of only 0.1µF. Such detrimental deviation is likely to cause Y5V
and Z5U capacitors to fail to meet the minimum capacitance requirements of the LM2794/5. Table 1 lists
suggested capacitor suppliers for the typical application circuit.
Table 1. Ceramic Capacitor Manufacturers
Manufacturer
Contact
TDK
www.component.tdk.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
LED SELECTION
The LM2794/5 is designed to drive LEDs with a forward voltage of about 3.0V to 4.0V. The typical and maximum
diode forward voltage depends highly on the manufacturer and their technology. Table 2 lists two suggested
manufacturers. Forward current matching is assured over the LED process variations due to the constant current
output of the LM2794/5.
Table 2. White LED Selection
Manufacturer
Contact
Osram
www.osram-os.com
Nichia
www.nichia.com
ISET AND BRGT PINS
An external resistor, RSET, is connected to the ISET pin to set the current to be mirrored in each of the LED
outputs. The internal current mirror sets each LED output current with a 10:1 ratio to the current through RSET.
The current mirror circuitry matches the current through each LED to within 0.5%.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2794 LM2795


Similar Part No. - LM2794

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794BL NSC-LM2794BL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794BLX NSC-LM2794BLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL NSC-LM2794TL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

Similar Description - LM2794

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com