Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3FZ-LS69H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3FZ-LS69H
Description  Easy mounting photoelectric sensor in short M18 housing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-LS69H Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3FZ-LS69H Datasheet HTML 1Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 2Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 3Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 4Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 5Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 6Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 7Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 8Page - Omron Electronics LLC E3FZ-LS69H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
E3FZ/E3FR
Accessories
Reflectors
Mounting brackets
Sensor I/O connectors
Note: For the complete list of sensor I/O connectors refer to E26E Accessories datasheet.
Shape
Type
Material
Features
Size in mm
Applicable Sensor
Order code
General purpose
reflectors
-ABS base
- Acrylic surface
Surface screw
mounting
(diagonal holes)
59.9x40.3x7.5
- Retroreflective
photo electric
sensors –
non polarizing
- Retroreflective
photo electric
sensors –
polarizing (MSR)
E39-R1S
Snap mounting
dia 30 mm
(reflector)
dia 6.5 mm
(snap mount)
E39-R49
Shape
Type
Material
Features
Applicable Sensor
Order code
General purpose
mounting
stainless steel
Horizontal angle adjustment
E3FZ (dia 20mm
snap holder)
E39-EL8
Telescope
mounting
3D rotation (fits to 12 mm mounting
rod)
E39-EL9
Straight
2 m
4-wire
PVC
XS2F-D421-D80-A
PUR
Y92E-M12PUR4S2M-L
5 m
PVC
XS2F-D421-G80-A
PUR
Y92E-M12PUR4S5M-L
L-shaped
2 m
PVC
XS2F-D422-D80-A
PUR
Y92E-M12PUR4A2M-L
5 m
PVC
XS2F-D422-G80-A
PUR
Y92E-M12PUR4A5M-L
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 3 Dienstag, 15. April 2008 5:17 17


Similar Part No. - E3FZ-LS69H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E3F PHILIPS-E3F Datasheet
334Kb / 2P
   VALVE FOR PORTABLE TRANSCEIVERS
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
E3F2-10B4-M OMRON-E3F2-10B4-M Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - E3FZ-LS69H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
logo
FOTEK CONTROLS CO., LTD...
RTM FOTEK-RTM Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
logo
Molex Electronics Ltd.
1202540149 MOLEX-1202540149 Datasheet
37Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540153 MOLEX-1202540153 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540148 MOLEX-1202540148 Datasheet
38Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540123 MOLEX-1202540123 Datasheet
43Kb / 1P
   Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 4-pin M12 Connector, 37mm Housing Length
02/24/2022
1202540152 MOLEX-1202540152 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, NPN, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540122 MOLEX-1202540122 Datasheet
42Kb / 1P
   Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 33mm Housing Length
02/24/2022
1202540151 MOLEX-1202540151 Datasheet
38Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540147 MOLEX-1202540147 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Receiver), PNP, Changeover, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com