Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3FR-LS66H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3FR-LS66H
Description  Easy mounting photoelectric sensor in short M18 housing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FR-LS66H Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3FR-LS66H Datasheet HTML 1Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 2Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 3Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 4Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 5Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 6Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 7Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 8Page - Omron Electronics LLC E3FR-LS66H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Standard Photoelectric Sensors
Model Number Legend
e.g., E3FZ-T81H; short housing/ through-beam/PNP output/2 m cable/without an adjustor/L-on/D-on by wire/
E3FZ-T86H-D; short housing/through-beam/PNP output/M12 connector/without an adjustor/L-on/D-on by wire/receiver
E3FR-LS86; radial housing/background-suppression/PNP output/M12 connector/sensing distance of 100 mm/without an adjustor/
L-on/D-on by wire/
1. Cylindrical family name: E3F
2. Series name
2:
standard housing (seperate naming rule)
Z:
short housing
R: radial housing
3. Sensing method
T:
through-beam
R: retroreflective
D: diffuse reflective
LS: background suppression
4. Output
6:
NPN output
8:
PNP output
5. Connection
Through-beam, retroreflective types
1: 2 m cable
6: M12 connector
Diffuse reflective types
2: 2 m cable
7: M12 connector
Background suppression types
1: 2 m cable/sensing distance of 100 mm
4: 2 m cable/sensing distance of 200 mm
6: M12 connector/sensing distance of 100 mm
9: M12 connector/sensing distance of 200 mm
6. Adjuster
Blank: with volume adjuster/L-on/D-on by wire
H:
without volume adjuster/L-on/D-on by wire
7. Emitter/ Receiver
L:
emitter
D: receiver
8. Kind of connection
Blank: standard 2 m cable or M12 connector
M1J:
pre-wired with 30 cm cable and
M12 plug connector (4 pin)
M3J:
pre-wired with 30 cm cable and
M8 plug connector (4 pin)
M5J:
pre-wired with 30 cm cable and
M8 plug connector (3 pin)
M1TJ: pre-wired with 30cm cable and Twist&Click
M12 plug connector (4 pin)
9. Cable length
Blank: M12 connector
Number: cable length
E3F
@-@@@@-@-@@
1
2 3456 7 8 9
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 4 Donnerstag, 15. Mai 2008 4:30 16


Similar Part No. - E3FR-LS66H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E3F PHILIPS-E3F Datasheet
334Kb / 2P
   VALVE FOR PORTABLE TRANSCEIVERS
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
E3F2-10B4-M OMRON-E3F2-10B4-M Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - E3FR-LS66H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
logo
FOTEK CONTROLS CO., LTD...
RTM FOTEK-RTM Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
logo
Molex Electronics Ltd.
1202540149 MOLEX-1202540149 Datasheet
37Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540153 MOLEX-1202540153 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540148 MOLEX-1202540148 Datasheet
38Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540123 MOLEX-1202540123 Datasheet
43Kb / 1P
   Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 4-pin M12 Connector, 37mm Housing Length
02/24/2022
1202540152 MOLEX-1202540152 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, NPN, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540122 MOLEX-1202540122 Datasheet
42Kb / 1P
   Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 33mm Housing Length
02/24/2022
1202540151 MOLEX-1202540151 Datasheet
38Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540147 MOLEX-1202540147 Datasheet
39Kb / 1P
   Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Receiver), PNP, Changeover, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com