Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F6CP-1G4890-D208-V Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-F6CP-1G4890-D208-V
Description  Piezoelectric SAW BPF (700 to 1700MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CP-1G4890-D208-V Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-F6CP-1G4890-D208-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CP-1G4890-D208-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
F5CP/F6CP Series
4
Å°
s
s
s
s ELECTRICAL CHARACTERISTICS AND TYPICAL FREQUENCY RESPONSE
1.
SYSTEM : PDC800-Tx
PART NUMBER : FAR-F5CP-950M00-D209
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
940 to 960 MHz
3.1
3.5
dB
In-band ripple
940 to 960 MHz
0.8
1.2
dB
Absolute
attenuation
DC to 830 MHz
45
52
dB
1015 to 1106 MHz
35
42
dB
1106 to 1700 MHz
45
55
dB
1700 to 2000 MHz
40
48
dB
In-band VSWR
(Return loss)
940 to 960 MHz
(8.1)
2.1
(9.0)
2.3
(
)
(dB)
2
1
S11
1U FS
1 : 51.404
Ω−11.736 Ω
S21
log MAG
10 dB/
REF 0 dB
CENTER 950 MHz
SPAN 300 MHz
CENTER 950 MHz
SPAN 300 MHz
1 :
−2.8224 dB
940 MHz
S22
1U FS
1 : 48.162
Ω−11.197 Ω
S11
SWR
1 /
REF 1
CENTER 950 MHz
SPAN 300 MHz
CENTER 950 MHz
SPAN 300 MHz
1 : 1.2627
940 MHz
3
4
3
3
4
4
2
1
3
4
1
1
2
14.426 pF
940 MHz
2 : 65.227
−15.25 Ω
960 MHz
3 : 3.3965
−52.201 Ω
830 MHz
4 : 13.656
−85.102 Ω
1.015 GHz
2 :
−2.672 dB
960 MHz
3 :
−55.793 dB
830 MHz
4 :
−43.18 dB
1.015 GHz
2 : 1.4555
960 MHz
3 : 30.774
830 MHz
4 : 14.488
1.015 GHz
15.121 pF
940 MHz
2 : 62.332
−11.52 Ω
960 MHz
3 : 3.3203
−51.557 Ω
830 MHz
4 : 14.066
−83.52 Ω
1.015 GHz
2


Similar Part No. - FAR-F6CP-1G4890-D208-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F6CE-1G5754-L2UA FUJITSU-FAR-F6CE-1G5754-L2UA Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F6CE-1G5754-L2UA-U FUJITSU-FAR-F6CE-1G5754-L2UA-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE-1G5754-L2UA-U FUJITSU-FAR-F6CE-1G5754-L2UA-U Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F6CE-1G5754-L2UA-V FUJITSU-FAR-F6CE-1G5754-L2UA-V Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6CP-1G4890-D208-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com