Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5007
Description  High Voltage (80V) Step Down Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5007 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5007_14 Datasheet HTML 6Page - Texas Instruments LM5007_14 Datasheet HTML 7Page - Texas Instruments LM5007_14 Datasheet HTML 8Page - Texas Instruments LM5007_14 Datasheet HTML 9Page - Texas Instruments LM5007_14 Datasheet HTML 10Page - Texas Instruments LM5007_14 Datasheet HTML 11Page - Texas Instruments LM5007_14 Datasheet HTML 12Page - Texas Instruments LM5007_14 Datasheet HTML 13Page - Texas Instruments LM5007_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
0
10
20
30
40
50
60
70
80
V
IN
(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
300k
200k
100k
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
18
20
V
FB
(V)
600k
400k
200k
100k
50k
LM5007
SNVS252E – MAY 2004 – REVISED APRIL 2011
www.ti.com
Figure 8. Current Limit VFB vs TOFF
RCL = 50k -600k
Figure 9. VIN vs TON
RON = 100k, 200k, 300k
Table 1. 10V, 400mA Demo Board Bill of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C1
C4532X7R2A105M
CAPACITOR, CER, TDK
1µ, 100V
C2
C4532X7R1E156M
CAPACITOR, CER, TDK
15µ, 25V
C3
C1206C104K5RAC
CAPACITOR, CER, KEMET
0.1µ, 50V
C4
C1206C103K5RAC
CAPACITOR, CER, KEMET
0.01µ, 50V
C5
C3216X7R2A104KT
CAPACITOR, CER, TDK
0.1µ, 100V
D1
MURA110T3
DIODE, 100V, ON SEMI
L1
SLF7045T-101MR60-1
BUCK INDUCTOR, TDK
100µH
R1
CRCW12062003F
RESISTOR
200K
R2
CRCW12061003F
RESISTOR
100K
R3
CRCW12063011F
RESISTOR
3.01K
R4
CRCW12061001F
RESISTOR
1K
R5
CRCW12061R00F
RESISTOR
1
U1
LM5007
REGULATOR, NATIONAL
10
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM5007


Similar Part No. - LM5007_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5007 TI1-LM5007_15 Datasheet
1Mb / 25P
[Old version datasheet]   High Voltage 80-V Step Down Switching Regulator
More results

Similar Description - LM5007_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
SM74304 TI1-SM74304 Datasheet
238Kb / 13P
[Old version datasheet]   SM74304 High Voltage (80V) Step Down Switching Regulator
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com