Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5007
Description  High Voltage (80V) Step Down Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5007 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5007 Datasheet HTML 3Page - Texas Instruments LM5007 Datasheet HTML 4Page - Texas Instruments LM5007 Datasheet HTML 5Page - Texas Instruments LM5007 Datasheet HTML 6Page - Texas Instruments LM5007 Datasheet HTML 7Page - Texas Instruments LM5007 Datasheet HTML 8Page - Texas Instruments LM5007 Datasheet HTML 9Page - Texas Instruments LM5007 Datasheet HTML 10Page - Texas Instruments LM5007 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
VIN
VIN
RON
RON
7V SERIES
REGULATOR
ON TIMER
VIN
START
COMPLETE
RON
STOP
RUN
LM5007
LM5007
www.ti.com
SNVS252E – MAY 2004 – REVISED APRIL 2011
Over-Voltage Comparator
The over-voltage comparator is provided to protect the output from overvoltage conditions due to sudden input
line voltage changes or output loading changes. The over-voltage comparator monitors the FB pin versus an
internal 2.875V reference (OV_REF). If the voltage at FB rises above OV_REF the comparator immediately
terminates the buck switch on time pulse.
ON Time generator and Shutdown
The on time of the LM5007 is set inversely proportional to the input voltage by an external resistor connected
between Ron and Vin. The Ron terminal is a low impedance input biased at approximately 1.5V. Thus the
current through the resistor and into the Ron terminal is approximately proportional to Vin and used internally to
control the on timer. This scheme of input voltage feed-forward hysteretic operation achieves nearly constant
operational frequency over varying line and load conditions. The on time equation for the LM5007 is :
Ton = 1.42 x 10
-10 x R
ON / VIN
(4)
The RON pin of the LM5007 also provides a shutdown function which disables the regulator and significantly
decreases quiescent power dissipation. By pulling the RON pin to below 0.7V logic threshold activates the low
power shutdown mode. The VIN quiescent current in the shutdown mode is approximately 100µA internal to the
LM5007 plus the current in the RON resistor.
Figure 4. Shutdown Implementation
Current Limit
The LM5007 contains an intelligent current limit off timer intended to reduce the foldback characteristic inherent
with fixed off-time over-current protection. If the current in the Buck switch exceeds 725mA the present cycle on
time is immediately terminated (cycle by cycle current limit). Following the termination of the cycle a non-
resetable current limit off timer is initiated. The duration of the off time is a function of the external resistor (RCI)
and the FB pin voltage. When the FB pin voltage equals zero, the current limit off time is internally preset to
17uS. This condition occurs in short circuit operation when a maximum amount of off time is required.
In cases of overload (not complete short circuit) the current limit off time can be reduced as a function of the
output voltage (measured at the FB pin). Reducing the off time with smaller overloads reduces the amount of
foldback and also reduces the initial start-up time. The current limit off time for a given FB pin voltage and RCI
resistor can be calculated by the following equation:
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5007


Similar Part No. - LM5007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007MM NSC-LM5007MM Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results

Similar Description - LM5007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
SM74304 TI1-SM74304 Datasheet
238Kb / 13P
[Old version datasheet]   SM74304 High Voltage (80V) Step Down Switching Regulator
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com