Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115
Description  Secondary Side Post Regulator / Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5115 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5115 Datasheet HTML 6Page - Texas Instruments LM5115 Datasheet HTML 7Page - Texas Instruments LM5115 Datasheet HTML 8Page - Texas Instruments LM5115 Datasheet HTML 9Page - Texas Instruments LM5115 Datasheet HTML 10Page - Texas Instruments LM5115 Datasheet HTML 11Page - Texas Instruments LM5115 Datasheet HTML 12Page - Texas Instruments LM5115 Datasheet HTML 13Page - Texas Instruments LM5115 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Phase signal
RAMP pin
HS pin
12V
12V
6V
6V
Main Output = 3.3V
Secondary Output = 2.5V
PWM Threshold
SYNC
CLK
RAMP
BUFFER
2.5K
15 PA
CLK
Isync
Isync x 3
2.5k
Phase
Signal
R
SYNC
C
RAMP
LM5115
SNVS343D – MARCH 2005 – REVISED JULY 2006
www.ti.com
Synchronization (SYNC) and Feed-Forward (RAMP)
The pulsing “phase signal” from the main converter synchronizes the PWM ramp and gate drive outputs of the
LM5115. The phase signal is the square wave output from the transformer secondary winding before rectification
(Figure 1). A resistor connected from the phase signal to the low impedance SYNC pin produces a square wave
current (ISYNC) as shown in Figure 4. A current comparator at the SYNC input monitors ISYNC relative to an
internal 15µA reference. When ISYNC exceeds 15µA, the internal clock signal (CLK) is reset and the capacitor
connected to the RAMP begins to charge. The current source that charges the RAMP capacitor is equal to 3
times the ISYNC current. The falling edge of the phase signal sets the CLK signal and discharges the RAMP
capacitor until the next rising edge of the phase signal. The RAMP capacitor is discharged to ground by a low
impedance (100
Ω) n-channel MOSFET. The input impedance at SYNC pin is 2.5kΩ which is normally much less
than the external SYNC pin resistance.
Figure 4. Line Feed-Forward Diagram
The RAMP and SYNC functions illustrated in Figure 4 provide line voltage feed-forward to improve the regulation
of the auxiliary output when the input voltage of the main converter changes. Varying the input voltage to the
main converter produces proportional variations in amplitude of the phase signal. The main channel PWM
controller adjusts the pulse width of the phase signal to maintain constant volt*seconds and a regulated main
output as shown in Figure 5. The variation of the phase signal amplitude and duration are reflected in the slope
and duty cycle of the RAMP signal of the LM5115 (ISYNC α phase signal amplitude). As a result, the duty cycle of
the LM5115 is automatically adjusted to regulate the auxiliary output voltage with virtually no change in the PWM
threshold voltage. Transient line regulation is improved because the PWM duty cycle of the auxiliary converter is
immediately corrected, independent of the delays of the voltage regulation loop.
Figure 5. Line Feed-forward Waveforms
The recommended SYNC input current range is 50µA to 150µA. The SYNC pin resistor (RSYNC) should be
selected to set the SYNC current (ISYNC) to 150µA with the maximum phase signal amplitude, VPHASE(max). This
will guarantee that ISYNC stays within the recommended range over a 3:1 change in phase signal amplitude. The
SYNC pin resistor is therefore:
10
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM5115


Similar Part No. - LM5115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115 TI-LM5115 Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI-LM5115 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
logo
National Semiconductor ...
LM5115A NSC-LM5115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
logo
Texas Instruments
LM5115A TI1-LM5115A Datasheet
947Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
More results

Similar Description - LM5115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com