Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-M2SC-14M318-D115 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-M2SC-14M318-D115
Description  Piezo Electric VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-M2SC-14M318-D115 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-M2SC-14M318-D115 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-M2SC-14M318-D115 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-M2SC-14M318-D115 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-M2SC-14M318-D115 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-M2SC-14M318-D115 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-M2SC-14M318-D115 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
M2 Series (D110)
s PART NUMBER SYSTEM
s MARKING
s DIMENSION
[Part number example]
FAR-M2SC–
–D
1
2
Frequency designation
: Nominal frequency in six alphanumeric characters.
M indicates the decimal point in MHz.
(Example) 14.318 MHz 14M318
Serial No.
: 110 ~ 119 (standard : 110)
1
2
110
F
V-12M288
D110
Nominal frequency
No.1 pin indication
Lot
(0.039) 1
(0.394) 10
F
V-12M288
D110
0.3 (0.012)
Sealed
side
7.0Max
(0.276)
3.4
±0.3 (0.134±0.012)
20.0Max
(0.787)
28.0Max
(1.102)
0.5
(0.020)
22.86 (0.900)
(2.54x9)
(0.100x9)
2.54
(0.100)
Unit : mm (inch)


Similar Part No. - FAR-M2SC-14M318-D115

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2CC FUJITSU-FAR-M2CC Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150 FUJITSU-FAR-M2CC-14M318-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150-R FUJITSU-FAR-M2CC-14M318-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150 FUJITSU-FAR-M2CC-16M934-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150-R FUJITSU-FAR-M2CC-16M934-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
More results

Similar Description - FAR-M2SC-14M318-D115

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
   piezo electric diaphragm
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
   piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
   piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
   piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
   piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
   piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
   piezo electric diaphragm
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
196Kb / 13P
   Piezo-Electric Actuator Controller
logo
Rohm
BD9825FV ROHM-BD9825FV Datasheet
200Kb / 6P
   Piezo Electric Transformer Inverter Control IC
logo
PUI audio inc.
AT-2440-TWT-R PUIAUDIO-AT-2440-TWT-R Datasheet
545Kb / 3P
   24mm diameter piezo-electric transducer with thru-hole pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com