Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIOCG6ECO031152 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MIOCG6ECO031152
Description  Miniature Optical Circulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MIOCG6ECO031152 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MIOCG6ECO031152 Datasheet HTML 1Page - OPLINK Communications Inc. MIOCG6ECO031152 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
MIOC3 Eco Series
Min
Typical
Max
Unit
Operating Wavelength Range ( λ
Op )
1310
1290 ~ 1330
nm
C Band
1525 ~ 1565
L Band
1570 ~ 1610
C+L Band
1525 ~ 1610
Insertion Loss (1→2 or 2→3 @ λ
Op ,
T
Op , SOP)
1310, C or L
0.5
0.7
dB
C+L Band
0.7
0.9
Polarization Dependent Loss (PDL)
1310, C or L
0.1
dB
C+L Band
0.2
Polarization Mode Dispersion (PMD)
1310, C or L
0.06
ps
C+L Band
0.1
Isolation (2→1 or 3→2 @λ
Op , TOp &
SOP)
1310, C or L
38
dB
C+L Band
32
Directivity (1→3)
50
dB
Return Loss (RL)
50
dB
Chromatic Dispersion (CD)
3
ps/nm
Optical Power Handling
500
mW
Operating Temperature Rang (T
Op)
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28
Color Code
Port 1: black; Port 2 & 3: clear
Physical Dimension
(Φ) 5.5 x (L) 38.0
mm
Applications
Performance Specificationns
Note:
1)
All the parameters exclude connector contribution.
S0327 - R02. (web) 20120629
Eco Series 3-port Polarization Insensi-
tive Miniature Optical Circulators
MIOC3 Eco Series
Oplink’s polarization insensitive miniature circulator features excellent opti¬cal
characteristics over a wide wavelength range while delivering a smallest form
factor. It possesses low insertion loss, high isolation, and low PDL making it
an ideal candidate for EDFA, add/drop, dynamic gain equalization, dispersion
compensation and other optical network applications.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Wide Wavelength Selection
Smallest Package Size
Low Insertion Loss, PDL
High Channel Isolation
Epoxy-free on Optical Path
Telcordia GR1221/1209 Qualified
RoHS6/6 Compliant
Dispersion Compensation
Wavelength Selective Switch
Bi-directional Transmission System
Add/Drop Multiplexing
Optical Amplification
Optical Time Domain Reflectometer
(OTDR)
Fiber Sensor
Test Instruments


Similar Part No. - MIOCG6ECO031152

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOCG3ECO041111 OPLINK-MIOCG3ECO041111 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041112 OPLINK-MIOCG3ECO041112 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041113 OPLINK-MIOCG3ECO041113 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041114 OPLINK-MIOCG3ECO041114 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041115 OPLINK-MIOCG3ECO041115 Datasheet
168Kb / 2P
   Miniature Optical Circulator
More results

Similar Description - MIOCG6ECO031152

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOC131000311H1 OPLINK-MIOC131000311H1 Datasheet
288Kb / 2P
   3-port Polarization Insensitive Miniature Optical Circulators
PMOC OPLINK-PMOC Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
MIOC3ECO-S0327 OPLINK-MIOC3ECO-S0327 Datasheet
167Kb / 2P
   Eco Series 3-port Polarization Insensitive Miniature Optical Circulators
MIOCG5ECO031111 OPLINK-MIOCG5ECO031111 Datasheet
167Kb / 2P
   Eco Series 3-port Polarization Insensitive Miniature Optical Circulators
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
logo
Finisar Corporation.
1012213 FINISAR-1012213 Datasheet
43Kb / 1P
   Optical Circulators (C-band)
logo
OPLINK Communications I...
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
logo
Tyco Electronics
MAFRIN0151 MACOM-MAFRIN0151 Datasheet
108Kb / 2P
   Miniature Surface Mount Circulators
logo
OPLINK Communications I...
MIOC4ECO OPLINK-MIOC4ECO Datasheet
168Kb / 2P
   Miniature Optical Circulator
logo
Pixart Imaging Inc.
PAT9125EL PIXART-PAT9125EL Datasheet
782Kb / 13P
   Optical Tracking Miniature Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com