Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIOCGLECO041252 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MIOCGLECO041252
Description  Miniature Optical Circulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MIOCGLECO041252 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MIOCGLECO041252 Datasheet HTML 1Page - OPLINK Communications Inc. MIOCGLECO041252 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Ordering Information
Mechanical Drawing / Package Dimensions
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN mm.
2. TOL: .X=±0.5, .XX=±0.2.
MIOC
Eco Series 4-Port Polarization Insensitive
Miniature Optical Circulator
MIOC4 Eco Series
S0329 - R02. (web) 20120629
1
4
0
O
C
E
G
Fiber Type
250μm bare fiber = 1
900μm loose tube = 2
Wavelength
Fiber Length
0.5 meter = H
1.0 meter = 1
1.5 meters = 5
2.0 meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC /UPC = 9
MU = A
LC/APC = B
* The tolerance of fiber length is +/-0.1m.
* 1 meter is standard. The lead time for special fiber length will be longer.
1310 window = 3
C band = 5
L band = L
C+L band = E
Port Configuration
Package Type
4 ports = 4
P1 = 1


Similar Part No. - MIOCGLECO041252

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOCG3ECO031111 OPLINK-MIOCG3ECO031111 Datasheet
167Kb / 2P
   Miniature Optical Circulators
MIOCG3ECO031112 OPLINK-MIOCG3ECO031112 Datasheet
167Kb / 2P
   Miniature Optical Circulators
MIOCG3ECO031113 OPLINK-MIOCG3ECO031113 Datasheet
167Kb / 2P
   Miniature Optical Circulators
MIOCG3ECO031114 OPLINK-MIOCG3ECO031114 Datasheet
167Kb / 2P
   Miniature Optical Circulators
MIOCG3ECO031115 OPLINK-MIOCG3ECO031115 Datasheet
167Kb / 2P
   Miniature Optical Circulators
More results

Similar Description - MIOCGLECO041252

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOC4ECO-S0329 OPLINK-MIOC4ECO-S0329 Datasheet
168Kb / 2P
   Eco Series 4-Port Polarization Insensitive Miniature Optical Circulator
MIOCG5ECO041111 OPLINK-MIOCG5ECO041111 Datasheet
114Kb / 2P
   Eco Series 4-Port Polarization Insensitive Miniature Optical Circulator
MIOC131004PO1H1 OPLINK-MIOC131004PO1H1 Datasheet
292Kb / 2P
   Mini 4-Port Polarization Insensitive Optical Circulator
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
MIOC3ECO OPLINK-MIOC3ECO Datasheet
167Kb / 2P
   Miniature Optical Circulators
logo
Pixart Imaging Inc.
PAT9125EL PIXART-PAT9125EL Datasheet
782Kb / 13P
   Optical Tracking Miniature Chip
logo
TDK Electronics
CU4S0506AC-1445-00 TDK-CU4S0506AC-1445-00 Datasheet
90Kb / 7P
   Circulator
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com